Electronic Components Datasheet Search
  English  ▼

X  

HS7512 Datasheet(PDF) 3 Page - Sipex Corporation

Part # HS7512
Description  Double-Buffered 12-Bit Multiplying DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7512 Datasheet(HTML) 3 Page - Sipex Corporation

  HS7512 Datasheet HTML 1Page - Sipex Corporation HS7512 Datasheet HTML 2Page - Sipex Corporation HS7512 Datasheet HTML 3Page - Sipex Corporation HS7512 Datasheet HTML 4Page - Sipex Corporation HS7512 Datasheet HTML 5Page - Sipex Corporation HS7512 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
115
SPECIFICATIONS (continued)
(Typical @ 25
°C, nominal power supply, V
REF = +10V, unipolar unless otherwise noted)
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
DYNAMIC PERFORMANCE
Digital Small Signal Settling
1.0
µS
Full Scale Transition Settling
2.0
µS
to 0.01% (strobed)
Reference Feedthrough Error
(V
REF = 20Vpp)
@ 1kHz
<1
mV
@ 10kHz
2
mV
Delay to output
from Bits input
100
ns
Delay times are twice the
from LDAC
200
ns
amount shown at T
A = +125° C
from CE
120
ns
POWER SUPPLY (V
DD)
Operating Voltage
+15
±5%
V
specifications guaranteed
Voltage Range
+5
+16
V
Current
2.5
mA
Rejection Ratio
0.002
%/%
ENVIRONMENTAL AND MECHANICAL
Operating Temperature
SP7512K
0
+70
°C
SP7512B
–40
+85
°C
HS3120–C
0
+70
°C
HS3120–B
–55
+125
°C
HS3120–B/883
–55
+125
°C
Storage Temperature
–65
+150
°C
Package
SP7512_N
28-pin SOIC
HS3120–C
28–pin Plastic DIP
HS3120–B
28–pin Side–Brazed DIP
Notes:
1.
Using the internal feedback resistor, output leakage current creates an offset, which doubles every
10
°C rise in temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com