Electronic Components Datasheet Search
  English  ▼

X  

HS7512 Datasheet(PDF) 4 Page - Sipex Corporation

Part # HS7512
Description  Double-Buffered 12-Bit Multiplying DAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS7512 Datasheet(HTML) 4 Page - Sipex Corporation

  HS7512 Datasheet HTML 1Page - Sipex Corporation HS7512 Datasheet HTML 2Page - Sipex Corporation HS7512 Datasheet HTML 3Page - Sipex Corporation HS7512 Datasheet HTML 4Page - Sipex Corporation HS7512 Datasheet HTML 5Page - Sipex Corporation HS7512 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
116
Figure 1. Unipolar Operation
PIN ASSIGNMENTS
Pin 1 – FB
4 – Feedback Bipolar Operation
Pin 2 – LDTR – Ladder Termination
Pin 3 – FB
3 – Feedback Bipolar Operation
Pin 4 – V
REF – Reference Voltage Input
Pin 5 – FB
1 – Feedback, Unipolar/Bipolar
Pin 6 – I
O1 – Current out into virtual ground
Pin 7 – I
O2 – Current out-complement of I01
Pin 8 – V
SS – Ground, Analog and DAC Register
Pin 9 – DB
11 – MSB, Data Bit 1
Pin 10 – DB
10 – Data Bit 2
Pin 11 – DB
9 – Data Bit 3
Pin 12 – DB
8 – Data Bit 4
Pin 13 – DB
7 – Data Bit 5
Pin 14 – DB
6 – Data Bit 6
Pin 15 – DB
5 – Data Bit 7
Pin 16 – DB
4 – Data Bit 8
Pin 17 – DB
3 – Data Bit 9
Pin 18 – DB
2 – Data Bit 10
Pin 19 – DB
1 – Data Bit 11
Pin 20 – DB
0 – LSB, Data Bit 12
Pin 21 – LDAC – Transfers data from input to
DAC register; a logic “0” latches data into
registers; a logic “1” allows data to change
(transfer to) register.
Pin 22 – CE – Chip Enable, active low
Pin 23 – LBE – Bit 12 to Bit 9 Enable
Pin 24 – MBE – Bit 8 to Bit 5 Enable
Pin 25 – HBE – Bit 4 to Bit 1 Enable
Pin 26 – V
DD2 – Supply Analog and DAC
Register
Pin 27 – V
SS1 – Ground input latches
Pin 28 – V
DD1 – Supply input latches
NOTE: Pins 8 and 27, and pins 26 and 28 must
be connected externally.
FEATURES…
The SP7512 and HS3120 are precision 12-bit
multiplying DACs with internal two-stage input
storage registers for easy interfacing with mi-
croprocessor busses. The DACs are implemented
as a one-chip CMOS circuit with a resistor
ladder network designed for 0.01% linearity
without laser trimming.
The input registers are sectioned into 3 seg-
ments of 4 bits each, all individually address-
able. The DAC-register, following the input
registers, is a parallel 12-bit register for holding
the DAC data while the input registers are up-
dated. Only the data held in the DAC register
determines the analog output value of the con-
verter.
The SP7512 and HS3120 have been designed
for great flexibility in connecting to bus-ori-
ented systems. The 12 data inputs are organized
into 3 independent addressable 4-bit input reg-
isters such that the DACs can be connected to
either a 4, 8 or 16-bit data bus. The control logic
of the DACs includes chip enable and latch
enable inputs for flexible memory mapping. All
controls are level-triggered to allow static or
dynamic operation.
A total of 5 output lines are provided on the
DACs to allow unipolar and bipolar output
connection with a minimum of external compo-
nents. The feedback resistor is internal. The
resistor ladder network termination is exter-
nally available, thus eliminating an external
resistor for the 1 LSB offset in bipolar mode.
The SP7512 is available for use in commercial
and industrial temperature ranges, packaged in
VREF
VDD2
400
VDD1
+15V
DIGITAL
INPUTS
FB 1
I O1
LDTR
+
-
I O2
FB 4
FB 3
VSS1
VSS
ROS
A
V OUT
CE
HBE
MBE
LBE
LDAC
SP7512



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com