Electronic Components Datasheet Search
  English  ▼

X  

SIC437 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIC437
Description  3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 4Page - Vishay Siliconix SIC437 Datasheet HTML 5Page - Vishay Siliconix SIC437 Datasheet HTML 6Page - Vishay Siliconix SIC437 Datasheet HTML 7Page - Vishay Siliconix SIC437 Datasheet HTML 8Page - Vishay Siliconix SIC437 Datasheet HTML 9Page - Vishay Siliconix SIC437 Datasheet HTML 10Page - Vishay Siliconix SIC437 Datasheet HTML 11Page - Vishay Siliconix SIC437 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S20-0679-Rev. D, 27-Aug-2020
8
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Output Undervoltage Protection (UVP)
UVP is implemented by monitoring the FB pin. If the voltage
level at FB drops below 0.12 V for more than 25 μs, a UVP
event is recognized and both high side and low side
MOSFETs are turned off. After a duration equivalent to
20 soft start periods, the IC attempts to re-start. If the fault
condition still exists, the above cycle will be repeated.
UVP is active after the completion of soft start sequence.
Output Overvoltage Protection (OVP)
OVP is implemented by monitoring the FB pin. If the voltage
level at FB rising above 0.72 V, a OVP event is recognized
and both high side and low side MOSFETs are turned off.
Normal operation is resumed once FB voltage drop below
0.68 V.
OOVP is active after VDD passes UVLO rising threshold.
Over-Temperature Protection (OTP)
OTP
is
implemented
by
monitoring
the
junction
temperature. If the junction temperature rises above 150 °C,
a OTP event is recognized and both high side and low
MOSFETs are turned off. After the junction temperature falls
below 125 °C (25 °C hysteresis), the device restarts by
initiating a soft start sequence.
Sequencing of Input / Output Supplies
SiC437, SiC438 have no sequencing requirements on its
supplies or enables (VIN, VDD, VDRV, EN).
Enable
The SiC437, SiC438 have an enable pin to turn the part on
and off.
Driving the pin high enables the device, while driving the pin
low disables the device.
The EN pin is internally pulled to AGND by a 5 M resistor to
prevent unwanted turn on due to a floating GPIO.
Pre-Bias Start-Up
In case of pre-bias startup, output is monitored through FB
pin. If the sensed voltage on FB is higher than the internal
reference ramp value, control logic prevents high side and
low side MOSFETs from switching to avoid negative output
voltage spike and excessive current sinking through low
side MOSFET.
Fig. 8 - Pre-Bias Start-Up
Power Good
SiC437, SiC438 power good is an open-drain output. Pull
PGOOD pin high through a > 10 k resistor to use this signal.
Power good window is shown in the below diagram. If
voltage on FB pin is out of this window, PGOOD signal is
de-asserted by pulling down to AGND. To prevent false
triggering during transient events, PGOOD has a 25 μs
blanking time.
Fig. 9 - PGOOD Window Diagram
Vref (0.6 V)
VFB
VFB_Rising_Vth_OV
(typ. = 0.72 V)
VFB_Falling_Vth_OV
(typ. = 0.68 V)
VFB_Falling_Vth_UV
(typ. = 0.54 V)
VFB_Rising_Vth_UV
(typ. = 0.58 V)
PG
Pull-high
Pull-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com