Electronic Components Datasheet Search
  English  ▼

X  

SIC437 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC437
Description  3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC437 Datasheet HTML 1Page - Vishay Siliconix SIC437 Datasheet HTML 2Page - Vishay Siliconix SIC437 Datasheet HTML 3Page - Vishay Siliconix SIC437 Datasheet HTML 4Page - Vishay Siliconix SIC437 Datasheet HTML 5Page - Vishay Siliconix SIC437 Datasheet HTML 6Page - Vishay Siliconix SIC437 Datasheet HTML 7Page - Vishay Siliconix SIC437 Datasheet HTML 8Page - Vishay Siliconix SIC437 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S20-0679-Rev. D, 27-Aug-2020
2
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION
Fig. 3 - SiC43x Pin Configuration
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1, 2, 22, 26
VIN
Input voltage
3, 4, 13, 27
PGND
Power signal return ground
5 to 9
SW
Switching node signal; output inductor connection point
10, 11, 28
GL
Low side power MOSFET gate signal
12
VDRV
Supply voltage for internal gate driver. Connect a 2.2 μF decoupling capacitor to PGND
14
PGOOD
Power good signal output; open drain
15
VDD
Supply voltage for internal logic. Connect a 1 μF decoupling capacitor to AGND
16, 25
AGND
Analog signal return ground
17
FB
Output voltage feedback pin; connect to VOUT through a resistor divider network.
18
VOUT
Output voltage sense pin
19
EN
Enable pin
20
MODE2
Soft start and current limit selection; connect a resistor to VDD or AGND per table 2
21
MODE1
Operating mode and switching frequency selection; connect a resistor to VDD or AGND per table 1
23
BOOT
Bootstrap pin; connect a capacitor to PHASE pin for HS power MOSFET gate voltage supply
24
PHASE
Switching node signal for bootstrap return path
ORDERING INFORMATION
PART NUMBER
PART
MARKING
MAXIMUM
CURRENT
VDD, VDRV
LIGHT LOAD
MODE
OPERATING
JUNCTION
TEMPERATURE
PACKAGE
SiC437AED-T1-GE3
SiC437A
12 A
Internal
Ultrasonic
-40 °C to +125 °C
PowerPAK® MLP44-24L
SiC437BED-T1-GE3
SiC437B
Power saving
SiC437CED-T1-GE3
SiC437C
External
Ultrasonic
SiC437DED-T1-GE3
SiC437D
Power saving
SiC438AED-T1-GE3
SiC438A
8 A
Internal
Ultrasonic
SiC438BED-T1-GE3
SiC438B
Power saving
SiC438CED-T1-GE3
SiC438C
External
Ultrasonic
SiC438DED-T1-GE3
SiC438D
Power saving
11 GL
12 V
DRV
13 P
GND
14 P
GOOD
15 V
DD
16 A
GND
17 FB
P
GND 4
P
GND 3
V
IN 2
V
IN 1
4 P
GND
3 P
GND
2 V
IN
1 V
IN
GL 11
V
DRV 12
P
GND 13
P
GOOD 14
V
DD 15
A
GND 16
FB 17
25
A
GND
26
V
IN
27
P
GND
28
GL
Pin 1 indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com