Electronic Components Datasheet Search
  English  ▼

X  

SIC437 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC437
Description  3 V to 28 V Input, 8 A, 12 A microBUCK® DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 9Page - Vishay Siliconix SIC437 Datasheet HTML 10Page - Vishay Siliconix SIC437 Datasheet HTML 11Page - Vishay Siliconix SIC437 Datasheet HTML 12Page - Vishay Siliconix SIC437 Datasheet HTML 13Page - Vishay Siliconix SIC437 Datasheet HTML 14Page - Vishay Siliconix SIC437 Datasheet HTML 15Page - Vishay Siliconix SIC437 Datasheet HTML 16Page - Vishay Siliconix SIC437 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S20-0679-Rev. D, 27-Aug-2020
13
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
(VIN = 12 V, VOUT = 1.2 V, fsw = 500 kHz, COUT = 47 μF x 7, CIN = 10 μF x 6, unless otherwise noted)
Fig. 34 - On-Resistance vs. Junction Temperature
Fig. 35 - Voltage reference vs. Junction Temperature
Fig. 36 - EN Current vs. Junction Temperature
Fig. 37 - EN Logic Threshold vs. Junction Temperature
Fig. 38 - Input Current vs. Input Voltage
Fig. 39 - Input Current vs. Junction Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)
592
594
596
598
600
602
604
606
608
-60 -40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-60 -40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
V
EN = 5 V
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-60 -40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
VIH_EN
VIL_EN
20
30
40
50
60
70
80
90
100
3
6
9
12
15
18
21
24
27
30
33
Input Voltage (V)
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100 120 140
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com