Electronic Components Datasheet Search
  English  ▼

X  

MAX1677 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1677
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1677 Datasheet HTML 1Page - Maxim Integrated Products MAX1677 Datasheet HTML 2Page - Maxim Integrated Products MAX1677 Datasheet HTML 3Page - Maxim Integrated Products MAX1677 Datasheet HTML 4Page - Maxim Integrated Products MAX1677 Datasheet HTML 5Page - Maxim Integrated Products MAX1677 Datasheet HTML 6Page - Maxim Integrated Products MAX1677 Datasheet HTML 7Page - Maxim Integrated Products MAX1677 Datasheet HTML 8Page - Maxim Integrated Products MAX1677 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
4
_______________________________________________________________________________________
Note 1: The MAX1677 operates in bootstrap mode (operates from the output voltage). Once started, it will operate down to 0.7V
input. If VIN exceeds the set VOUT, VOUT will follow one diode drop below VIN.
Note 2: CREF = 0.22µF for applications where IREF > 10µA.
Note 3: In low-power mode (CLK/SEL = GND), the output voltage regulates 1% higher than in low-noise mode (CLK/SEL = OUT or
synchronized).
Note 4: The device is in a startup mode when VOUT is below this value.
Note 5: Specifications to -40°C are guaranteed by design and not production tested.
ELECTRICAL CHARACTERISTICS
(VOUT = 3.3V, CREF = 0.1µF, POUT = OUT, TA = -40°C to +85°C, unless otherwise noted. ) (Note 5)
LBO Output Low Voltage
V LBO(LO)
Sink current = 1mA
LCDPOL = OUT or GND
300
450
0.1
V
µA
Supply Current
Main DC On, LCD Off
Supply Current All On,
Main DC-DC in PFM Mode
IPFM
No load, current into OUT
60
µA
V
FB Regulation Voltage
µA
LX Leakage Current
Startup to Normal Mode Transition
Voltage (Note 4)
CONDITIONS
VLOCKOUT
2.1
2.4
V
ILX(LEAK)
5
Output Voltage
VOUT
FB = GND, 0
≤ ILX ≤ 350mA,
CLK/SEL = OUT (Note 3)
3.17
3.46
V
VFB(REG)
Adjustable mode, CLK/SEL = OUT (Note 3)
1.22
1.28
µA
Supply Current All On,
Main DC-DC in PWM Mode
Supply Current in Shutdown
5
µA
IPWM
No load, current into OUT
300
ILCDOFF
No load, current into OUT
40
LX Current Limit
ILX(PWM)
N-channel PWM mode
550
900
mA
UNITS
MIN
MAX
SYMBOL
PARAMETER
ILX(PFM)
N-channel PFM mode
250
500
Internal Oscillator
f
CLK/SEL = OUT
240
360
kHz
External Clock Frequency Range
200
400
kHz
ON Input Threshold
VON(LOW)
1.1V < VOUT < 5.5V
0.2VOUT
V
VON(HIGH)
0.8VOUT
LCDON, LCDPOL, CLK/SEL
Input Threshold
VIL
0.2VOUT
V
VIH
0.8VOUT
LBI Falling Threshold
VLBI(TH)
599
629
mV
LCD BIAS DC-DC
LCDLX Switch Current Limit
LCDPOL connected to OUT or GND
through 50k
Ω
150
300
mA
LCDFB Set Point
Positive LCD, LCDPOL = OUT
1.22
1.28
V
-20
+20
Negative LCD, LCDPOL = GND
mV
GENERAL
MAIN
LCD BIAS DC-DC
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com