Electronic Components Datasheet Search
  English  ▼

X  

MAX1677 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1677
Description  Compact, High-Efficiency, Dual-Output Step-Up and LCD Bias DC-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1677 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1677 Datasheet HTML 1Page - Maxim Integrated Products MAX1677 Datasheet HTML 2Page - Maxim Integrated Products MAX1677 Datasheet HTML 3Page - Maxim Integrated Products MAX1677 Datasheet HTML 4Page - Maxim Integrated Products MAX1677 Datasheet HTML 5Page - Maxim Integrated Products MAX1677 Datasheet HTML 6Page - Maxim Integrated Products MAX1677 Datasheet HTML 7Page - Maxim Integrated Products MAX1677 Datasheet HTML 8Page - Maxim Integrated Products MAX1677 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up and LCD Bias DC-DC Converter
_______________________________________________________________________________________
5
0.1
10
1
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 3.3V)
LOAD CURRENT (mA)
100
60
70
80
90
PWM MODE
C = 2.4V
D = 1.2V
PFM MODE
A = VIN = 2.4V
B = VIN = 1.2V
C
D
B
A
100
80
60
40
20
0
0.1
1
10
100
1000
EFFICIENCY vs. LOAD CURRENT
(VOUT = 5V)
LOAD CURRENT (mA)
PWM MODE
A: VIN = 3.6V
B: VIN = 2.4V
C: VIN = 1.2V
A
D
E
F
B
C
PFM MODE
D: VIN = 3.6V
E: VIN = 2.4V
F: VIN = 1.2V
0
100
300
200
500
600
400
700
01.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
MAXIMUM LOAD CURRENT
vs. BATTERY INPUT VOLTAGE
(PWM MODE)
INPUT VOLTAGE (V)
VOUT = 3.3V
VOUT = 5V
40
0.1
100
10
1
EFFICIENCY vs. LOAD CURRENT
(LCD VOUT = 12V)
100
60
50
80
90
70
LOAD CURRENT (mA)
CIRCUIT OF FIGURE 2
A: VIN = 3.6V
B: VIN = 2.4V
C: VIN = 1.2V
A
B
C
50
0.1
100
10
1
EFFICIENCY vs. LOAD CURRENT
(LCD VOUT = 20V)
100
70
60
90
80
LOAD CURRENT (mA)
CIRCUIT OF FIGURE 2
A: VIN = 3.6V
B: VIN = 2.4V
C: VIN = 1.2V
A
B
C
1.2450
1.2475
1.2525
1.2500
1.2550
0
20406080
100
REFERENCE VOLTAGE
vs. REFERENCE CURRENT
REFERENCE CURRENT (
µA)
Typical Operating Characteristics
(Circuits of Figures 2 and 3, TA = +25°C, unless otherwise noted.)
0
100
50
250
200
150
400
350
300
450
01.0
0.5
1.5
2.0
2.5
3.0
LOAD CURRENT
vs. STARTUP VOLTAGE
START-UP VOLTAGE (V)
PWM
PFM
VOUT = 3.3V
TESTED WITH
RESISTIVE LOAD
0
0.06
0.04
0.02
0.10
0.08
0.18
0.16
0.14
0.12
0.20
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
NO-LOAD SUPPLY CURRENT vs.
INPUT VOLTAGE (LCD OFF)
INPUT VOTAGE (V)
VOUT = 3.3V
PFM MODE
LCD OFF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
NO-LOAD SUPPLY CURRENT vs.
INPUT VOLTAGE (LCD ON)
INPUT VOLTAGE (V)
VOUT = 3.3V
PFM MODE
VLCD = -20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com