Electronic Components Datasheet Search
  English  ▼

X  

SP432CP Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP432CP
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432CP Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP432CP Datasheet HTML 3Page - Sipex Corporation SP432CP Datasheet HTML 4Page - Sipex Corporation SP432CP Datasheet HTML 5Page - Sipex Corporation SP432CP Datasheet HTML 6Page - Sipex Corporation SP432CP Datasheet HTML 7Page - Sipex Corporation SP432CP Datasheet HTML 8Page - Sipex Corporation SP432CP Datasheet HTML 9Page - Sipex Corporation SP432CP Datasheet HTML 10Page - Sipex Corporation SP432CP Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
Pin 10 — RI
3A
— Non-inverted RS-422
receiver input.
Pin 11 — R0
3 — TTL receiver output.
Pin 12 — ENABLE — Receiver input enable,
active LOW.
Pin 13 — R0
4 — TTL receiver output.
Pin 14 — RI
4A
— Non-inverted RS-422
receiver input.
Pin 15 — RI
4B — Inverted RS-422 receiver
input.
Pin 16 — V
CC
— +3.0V to +5.5V power
supply.
PIN ASSIGNMENTS
Pin 1 — RI
1B — Inverted RS-422 receiver
input.
Pin 2 — RI
1A
— Non-inverted RS-422
receiver input.
Pin 3 — R0
1 — TTL receiver output.
Pin 4 — ENABLE — Receiver input enable,
active HIGH.
Pin 5 — R0
2 — TTL receiver output.
Pin 6 — RI
2A
— Non-inverted RS-422
receiver input.
Pin 7 — RI
2B —
Inverted RS-422 receiver
input.
Pin 8 — GND — Ground.
Pin 9 — RI
3B — Inverted RS-422 receiver
input.
PINOUT
VCC
RI2B
1
2
3
4
13
14
5
6
7
RI3A
RI1A
R01
ENABLE
R02
RI2A
R03
RI1B
ENABLE
R04
RI4A
RI4B
8
9
GND
RI3B
10
12
11
15
16
SP432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com