Electronic Components Datasheet Search
  English  ▼

X  

SP432CP Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP432CP
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432CP Datasheet(HTML) 3 Page - Sipex Corporation

  SP432CP Datasheet HTML 1Page - Sipex Corporation SP432CP Datasheet HTML 2Page - Sipex Corporation SP432CP Datasheet HTML 3Page - Sipex Corporation SP432CP Datasheet HTML 4Page - Sipex Corporation SP432CP Datasheet HTML 5Page - Sipex Corporation SP432CP Datasheet HTML 6Page - Sipex Corporation SP432CP Datasheet HTML 7Page - Sipex Corporation SP432CP Datasheet HTML 8Page - Sipex Corporation SP432CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
S
R
E
T
E
M
A
R
A
P
C
D.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
,
e
g
a
t
l
o
V
y
l
p
p
u
SV
C
C
0
.
35
.
5V
s
e
m
i
T
ll
a
F
r
o
e
s
i
R
t
u
p
n
I
e
l
b
a
n
E3
s
n
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
t
u
p
n
I
V
,
e
g
a
t
l
o
V
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D
m
u
m
i
n
i
M
H
T
0
0
2
-5
30
0
2
+V
mV
T
U
O
V
=
H
O
V
r
o
L
O ,
V
<
V
7
-
M
C
V
7
+
<
R
,
e
c
n
a
t
s
i
s
e
R
t
u
p
n
I
N
I
0
.
58
0
1K
Ω
V
N
I
,
V
7
+
,
V
7
-
=
D
N
G
=
t
u
p
n
i
r
e
h
t
o
t
n
e
r
r
u
C
t
u
p
n
I
I
N
I
5
2
.
1
+5
.
1
+A
mV
N
I
D
N
G
=
t
u
p
n
i
r
e
h
t
o
,
V
0
1
+
=
I
N
I
5
.
1
-5
.
2
-A
mV
N
I
D
N
G
=
t
u
p
n
i
r
e
h
t
o
,
V
0
1
-
=
V
,
e
g
a
t
l
o
V
l
e
v
e
L
t
u
p
n
I
H
G
I
H
e
l
b
a
n
E
m
u
m
i
n
i
M
H
I
0
.
2V
V
,
e
g
a
t
l
o
V
l
e
v
e
L
t
u
p
n
I
W
O
L
e
l
b
a
n
E
m
u
m
i
x
a
M
L
I
8
.
0V
I
,
t
n
e
r
r
u
C
t
u
p
n
I
e
l
b
a
n
E
m
u
m
i
x
a
M
I
0
.
1
±
µAV
N
I
V
=
C
C
D
N
G
r
o
V
,
s
i
s
e
r
e
t
s
y
H
t
u
p
n
I
T
S
Y
H
0
6V
mV
M
C
V
0
=
,
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
QI
C
C
8D
B
TA
mV
C
C
V
,
V
0
.
5
+
=
F
I
D
V
1
+
=
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
t
n
e
c
s
e
i
u
Q
C
C
D
B
TA
mV
C
C
V
3
.
3
+
=
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
t
u
p
t
u
O
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
h
g
i
H
m
u
m
i
n
i
M
H
O
7
.
2D
B
TV
V
C
C
V
,
V
0
.
3
+
=
F
F
I
D
,
V
1
+
=
I
T
U
O
A
m
0
.
6
-
=
V
,
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
w
o
L
m
u
m
i
x
a
M
L
O
2
.
03
.
0V
V
C
C
V
,
V
0
.
5
+
=
F
F
I
D
,
V
1
-
=
I
T
U
O
A
m
0
.
6
-
=
I
,
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O
e
t
a
t
s
-
i
r
T
m
u
m
i
x
a
M
Z
O
5
.
0
±0
.
5
±
µAV
T
U
O
V
=
C
C
,
D
N
G
r
o
V
=
E
L
B
A
N
E
L
I
V
=
E
L
B
A
N
E
,
H
I
SPECIFICATIONS
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V with Tamb = 25°C and all MIN
and MAX limits apply across the recommended operating temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com