Electronic Components Datasheet Search
  English  ▼

X  

SP432CP Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP432CP
Description  High Speed, Low Power Quad RS-422 Differential Line Receiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP432CP Datasheet(HTML) 4 Page - Sipex Corporation

  SP432CP Datasheet HTML 1Page - Sipex Corporation SP432CP Datasheet HTML 2Page - Sipex Corporation SP432CP Datasheet HTML 3Page - Sipex Corporation SP432CP Datasheet HTML 4Page - Sipex Corporation SP432CP Datasheet HTML 5Page - Sipex Corporation SP432CP Datasheet HTML 6Page - Sipex Corporation SP432CP Datasheet HTML 7Page - Sipex Corporation SP432CP Datasheet HTML 8Page - Sipex Corporation SP432CP Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
SP432DS/10
SP432 High Speed, Low Power Quad Differential Line Receiver
© Copyright 1997 Sipex Corporation
SPECIFICATIONS (continued)
Unless otherwise noted, the following specifications apply for V
CC = +3.0V to +5.5V, Tamb = 25°C, tr < 6ns, tf < 6ns,
and all MIN and MAX limits apply across the recommended operating temperature range.
.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
R
E
T
E
M
A
R
A
P
C
A
,
t
u
p
t
u
O
o
t
t
u
p
n
I
s
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
t
H
L
P
t
,
L
H
P
7D
B
Ts
nC
L
V
,
F
p
0
5
=
F
F
I
D
V
,
V
5
.
2
=
M
C
,
V
0
=
V
C
C
V
5
+
=
,
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
t
u
O
t
E
S
I
R
t
,
L
L
A
F
5D
B
Ts
nC
L
V
,
F
p
0
5
=
F
F
I
D
V
,
V
5
.
2
=
M
C
,
V
0
=
V
C
C
V
5
+
=
,
t
u
p
t
u
O
o
t
E
L
B
A
N
E
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
t
Z
L
P
t
,
Z
H
P
0
1D
B
T
s
n
C
L
R
,
F
p
0
5
=
L
0
0
0
1
=
Ω V
,
F
F
I
D
,
V
5
.
2
=
V
C
C
V
5
+
=
,
t
u
p
t
u
O
o
t
E
L
B
A
N
E
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
t
L
Z
P
t
,
H
Z
P
6D
B
Ts
nC
L
R
,
F
p
0
5
=
L
0
0
0
1
=
Ω V
,
F
F
I
D
,
V
5
.
2
=
V
C
C
V
5
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com