Electronic Components Datasheet Search
  English  ▼

X  

NBP8 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # NBP8
Description  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 16Page - NXP Semiconductors NBP8 Datasheet HTML 17Page - NXP Semiconductors NBP8 Datasheet HTML 18Page - NXP Semiconductors NBP8 Datasheet HTML 19Page - NXP Semiconductors NBP8 Datasheet HTML 20Page - NXP Semiconductors NBP8 Datasheet HTML 21Page - NXP Semiconductors NBP8 Datasheet HTML 22Page - NXP Semiconductors NBP8 Datasheet HTML 23Page - NXP Semiconductors NBP8 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
The different variables and thresholds correspond to the following:
• Pcurrent: variable internal to the NBP8 program that holds the latest pressure
measurement. Pressure measurements are taken at a sample rate configured by the
user.
• Pprevious: variable internal to the NBP8 program that holds the previous pressure
measurement.
• PrefST: variable internal to the NBP8 program that stores the last pressure value before
the pressure started to rise.
• t: 16-bit variable internal to the NBP8 that is incremented periodically at the pressure
sample rate when the pressure has been rising (that is, when Deb_ST_cnt is greater
than 0) to keep track of the number of sampling periods during which pressure has
been rising.
If t value reaches its maximum value 65535, the pressure has been increasing over the
last 65535 sampling periods but the Debounce counter has not reached the Debounce
threshold. Reaching a t value of 65535 only happens if the Debounce threshold is set
to a very high value and pressure increases extremely slowly. When such a situation
occurs, the process resets in order to avoid rollover and a potentially incorrect slope
calculation.
• Min_T: user-configurable threshold that defines the minimum number of counts by
which the current pressure value must exceed the previous pressure value, for the
NBP8 program to consider that the pressure is rising. The value is stored in PCMINT
register.
• Deb_ST_cnt: counter internal to the NBP8 program updated every time a new pressure
measurement is taken. The counter is incremented if the pressure is considered to be
increasing, following the condition described above. It is decremented otherwise. When
the counter reaches 0, it cannot be further decremented.
• Debounce_T: user-configurable threshold. The value is stored in PCDEBT register.
When the value in Deb_ST_cnt exceeds this threshold, the pressure increase is
considered consistent and the slope of pressure versus time is calculated to check
whether the pressure increase should be notified to the external host.
• Slope: variable internal to the NBP8 program that holds the value of the scaled slope
(Pcurrent - Pref) * 128 / (t+1).
The coefficient 128 provides improved precision in the slope calculation since all
calculations are computed with integer values. Examples of slope calculation are
provided in the description of the PCSLOPETH/L registers.
• Slope_T: user-configurable threshold. The value is stored in PCSLOPETH/L registers.
When the value in Slope exceeds this threshold, the pressure increase is considered
significant and the NBP8 raises the Pressure Change Detection flag before notifying to
the external host that an event requiring attention occurred.
Figure 14 shows an example algorithm execution. In this example, the sample rate is set
to 50 ms. The Pressure FIFO depth is 12 measurements; the gray dots represent the
pressure values not available in the FIFO anymore when the flag is raised; the black and
green dots represent the pressure values available in the FIFO when the flag is raised;
the green dot represents the latest pressure measurement added to the FIFO when the
flag is raised.
NBP8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
20 / 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com