Electronic Components Datasheet Search
  English  ▼

X  

NBP8 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # NBP8
Description  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 35Page - NXP Semiconductors NBP8 Datasheet HTML 36Page - NXP Semiconductors NBP8 Datasheet HTML 37Page - NXP Semiconductors NBP8 Datasheet HTML 38Page - NXP Semiconductors NBP8 Datasheet HTML 39Page - NXP Semiconductors NBP8 Datasheet HTML 40Page - NXP Semiconductors NBP8 Datasheet HTML 41Page - NXP Semiconductors NBP8 Datasheet HTML 42Page - NXP Semiconductors NBP8 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
Bit
7
6
5
4
3
2
1
0
POR or User
Reset ($00)
0
0
0
0
0
0
0
0
Table 46. Pressure FIFO (PFIFOH/Lx) (addresses $0076 - $008D)...continued
Fields
Description
15 to 8
PFIFOHx[15:8]
7 to 0
PFIFOLx[7:0][1]
The PFIFO stores the 12 latest pressure measurements. The PFIFO is implemented as a rolling buffer:
the most recent pressure measurement overwrites the oldest one. The INDFIFO index holds the value
of the last address written. Each entry shall occupy two bytes, high byte at first address and low byte at
second address, for a total of 24 bytes.
Table 47. PFIFOH/Lx fields description
[1]
Where x = 1 to 12.
7 Limiting values
Limiting values are the extreme limits the device can be exposed to without permanently
damaging it. The device contains circuitry to protect the inputs against damage from high
static voltages; however, do not apply voltages higher than the values shown in Table 48.
Keep VIN and VOUT within the range VSS ≤ (VIN or VOUT) ≤ VDD.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit Notes
VDD
VDD or VDDA to VSS
TL ≤ TA ≤ Th
–0.3
—
3.8
V
C
VIO
IO pin current, each pin vs VDD / VDDA
or VSS
TAS Min ≤ TA ≤ TA Max
Vss – 0.3
—
Vdd + 0.3
V
C
IIO
IO pin current, pin vs VDD / VDDA or
VSS
TL ≤ TA ≤ TH, VDDR Min ≤ VDD ≤
VDDR Max
–10
—
10
mA
C
ISUBIO
Substrate current injection, all IO pins
current from pin to VSS – 0.3 V
TL ≤ TA ≤ TH, VDDR Min ≤ VDD ≤
VDDR Max
—
600
—
µA
C
ILATCH
Latch-up current, current to/from pin
to VDD / VDDA + 0.3 V
TL ≤ TA ≤ TH, VDDR Min ≤ VDD ≤
VDDR Max
–100
—
100
mA
C
ESDHBM
Electrostatic discharge, human body
model (HBM), all pins
TA = 25 °C, VDD = 3.0 V
–2000
—
2000
V
C
ESDCDM
Electrostatic discharge, charged
device model (CDM), all pins
TA = 25 °C, VDD = 3.0 V
–500
—
500
V
C
TSTG
Unpowered storage, temperature
range
—
–50
—
150
°C
C
Table 48. Maximum ratings
8 Recommended operating conditions
The limits normally expected in the application that define the range of operation.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit Notes
VDDR
Operating voltage range, Parameter
register retention where Min = VL, Typ
= 3.0 V, Max = VH
TAS Min ≤ TA ≤ TAS Max
1.2
3.0
3.6
V
C
Table 49. Operating range
NBP8
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 2.4 — 11 March 2022
39 / 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com