Electronic Components Datasheet Search
  English  ▼

X  

NBP8 Datasheet(PDF) 58 Page - NXP Semiconductors

Part # NBP8
Description  Battery pressure monitor sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NBP8 Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button NBP8 Datasheet HTML 50Page - NXP Semiconductors NBP8 Datasheet HTML 51Page - NXP Semiconductors NBP8 Datasheet HTML 52Page - NXP Semiconductors NBP8 Datasheet HTML 53Page - NXP Semiconductors NBP8 Datasheet HTML 54Page - NXP Semiconductors NBP8 Datasheet HTML 55Page - NXP Semiconductors NBP8 Datasheet HTML 56Page - NXP Semiconductors NBP8 Datasheet HTML 57Page - NXP Semiconductors NBP8 Datasheet HTML 58Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
NXP Semiconductors
NBP8
Battery pressure monitor sensor
Contents
1
General description ............................................ 1
2
Features and benefits .........................................1
3
Ordering information .......................................... 1
4
Block diagram ..................................................... 2
5
Pinning information ............................................ 3
5.1
Pinning ...............................................................3
5.2
Pin description ................................................... 3
5.3
Application ......................................................... 6
6
Functional description ........................................7
6.1
Communication between the NBP8 and
external host ......................................................7
6.2
Serial peripheral interface (SPI) module ............8
6.2.1
SPI protocol definition ........................................9
6.2.2
SPI signal timing definition .............................. 11
6.3
Main features ...................................................11
6.4
State-transition diagram ...................................12
6.5
Pressure change detection description ............13
6.5.1
Overview ..........................................................13
6.5.2
Description of the fixed threshold option ..........14
6.5.3
Description of the relative threshold option ......16
6.5.4
Description of the rate of change threshold
option ............................................................... 18
6.5.5
Description of the pressure FIFO .................... 21
6.6
SPI transfer sequence .....................................22
6.6.1
SPI transfer requested by the external host
via the WAKE-UP pin ...................................... 22
6.6.2
SPI transfer requested by the NBP8, when
an event requiring attention occurred .............. 24
6.7
Typical sequence timings ................................ 25
6.7.1
Periodic events ................................................ 25
6.7.2
NBP8 notifying the external host ..................... 26
6.7.3
External host requesting an SPI transfer ......... 27
6.7.4
Summary of execution times ........................... 28
6.8
Read/write targets accessible by the
external host via SPI ....................................... 28
7
Limiting values ..................................................39
8
Recommended operating conditions .............. 39
9
Electrical specifications ................................... 41
9.1
Charge consumptions ......................................41
9.2
Clocks and thresholds ..................................... 41
9.3
Power-on reset operation ................................ 42
9.4
GPIO port pins .................................................42
9.5
SPI timing characteristics ................................ 43
9.6
Temperature measurement characteristics ......44
9.7
Voltage measurement characteristics .............. 44
9.8
Pressure measurement characteristics ............45
9.8.1
Pressure measurement characteristic
(40 kPa to 250 kPa) range .............................. 45
10
Mechanical specifications ................................45
10.1
Maximum ratings (mechanical) ........................45
10.2
Media compatibility .......................................... 46
11
Mounting recommendations ............................ 46
12
Package outline .................................................47
13
References .........................................................52
14
Revision history ................................................ 53
15
Legal information ..............................................54
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© NXP B.V. 2022.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 11 March 2022
Document identifier: NBP8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com