Electronic Components Datasheet Search
  English  ▼

X  

M64893AFP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M64893AFP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Test mode data set up method
The data for the test mode uses 20 to 27bits. Data is latched when the 27th clock signal falls.
(1) When transferring 3-wire 27 bit data
(2) Test Mode Bit Set Up
X
:Random, 0 or 1.normal "0"
CP
:Set up the charge pump current value
T0, T1,&T2
:Set up test modes
RSa, Rsa
:Set up for the reference Frequency division ratio
OS
:Set up the tuning amplifier
S I
:1 Only (It is prohibit to "0 ")
Setting up the charge pump current of the phase comparator
CP
0
1
Mode
Test
Normal
Charge pump current
70 uA
270 uA
T2
T1
T0
0
0
X
0
1
X
1
1
0
1
1
1
1
0
0
1
0
1
Charge pump
Normal operation
High impedance
Sink
Source
High impedance
High impedance
12 pin output
LD
LD
LD
LD
fREF
f1/N
Mode
Normal operation
Test mode
Test mode
Test mode
Test mode
Test mode
Setting up for the test mode
ENA
1
19 20
27
SI
CP T2
T1
TO RSa RSbOS
TEST DATA SETTING
READ INTO LATCH
CLK
BAND SW
DATA
M COUNTER DIVISION
RATIO SETTING
S COUNTER
DIVISION RATIO
SETTING
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com