Electronic Components Datasheet Search
  English  ▼

X  

M64893AFP Datasheet(PDF) 12 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 12 Page - Mitsubishi Electric Semiconductor

Back Button M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Marking DWG
( M 6 4 8 9 3 A G P )
External appearance
16P2Z type <16pin plastic mold SSOP>
Unit:mm
Lot No,
X X X
8 9 3 A
0.05
0.15
+0.05
-0.02
0.1
1
9
8
16
0.65±0.12
0.22
+0.1
-0.05
5.0±0.2
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com