Electronic Components Datasheet Search
  English  ▼

X  

M64893AFP Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M64893AFP
Description  SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M64893AFP Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M64893AFP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M64893AFP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M64893AFP/AGP
SERIAL INPUT PLL FREQUENCY SYNTHESIZER FOR TV/VCR
MITSUBISHI BIPOLAR DIGITAL ICs
MITSUBISHI
-12
Switching characteristics (Ta=-20°C to +75°C unless otherwise noted)
Vcc1=5.0V, Vcc2=12V, Vcc3=33V
Parameter
Prescaler operating
frequency
Operating input
voltage
Clock pulse width
Data setup time
Data hold time
Enable setup time
Enable hold time
Enable data interval
time
Rise time
Fall time
Next enable prohibit
time
Next clock prohibit
time
Symbol
f opr2
V in
t PWC
t SU(D)
t H(D)
t SU(E)
t H(E)
t INT
t r
t f
t BT
t BCL
Unit
used
MHz
dBm
us
us
us
us
us
us
us
us
us
us
Test pin
1
1
13
14
14
15
15
15,14
13,14,15
13,14,15
15
13,15
Test conditions
Vcc1=4.5 to 5.5V
Vin=Vinmin to Vinmax
Vcc1=4.5
80 to 100MHz
to 5.5V 100 to 200MHz
200 to 800MHz
800 to 1000MHz
1000 to 1300MHz
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Vcc1=4.5 to 5.5V
Limits
Min.
Typ
Max
80
-
1300
- 24
-
4
- 27
-
4
- 30
-
4
- 27
-
4
- 18
-
4
1
-
-
2
-
-
1
-
-
3
-
-
3
-
-
1
-
-
-
-
1
-
-
1
5
-
-
5
-
-
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com