Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 5Page - NXP Semiconductors NTS0102GD Datasheet HTML 6Page - NXP Semiconductors NTS0102GD Datasheet HTML 7Page - NXP Semiconductors NTS0102GD Datasheet HTML 8Page - NXP Semiconductors NTS0102GD Datasheet HTML 9Page - NXP Semiconductors NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 8; for wave forms see Figure 6 and Figure 7.
VCC(B)
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min
Max
Min
Max
Min
Max
Unit
OE to B
—
200
—
200
—
200
ns
A port
2.8
7.4
2.6
6.6
1.8
6.2
ns
tTLH
LOW to HIGH
output transition
time
B port
3.2
8.3
2.9
7.9
2.4
6.8
ns
A port
1.9
5.7
1.9
5.5
1.8
5.3
ns
tTHL
HIGH to LOW
output transition
time
B port
2.2
7.8
2.4
6.7
2.6
6.6
ns
tsk(o)
output skew time
between channels
[3]
—
0.7
—
0.7
—
0.7
ns
tW
pulse width
data inputs
20
—
20
—
20
—
ns
fdata
data rate
—
50
—
50
—
50
Mbit/s
VCC(A) = 3.3 V ± 0.3 V
tPHL
HIGH to LOW
propagation delay
A to B
—
—
—
2.4
—
3.1
ns
tPLH
LOW to HIGH
propagation delay
A to B
—
—
—
4.2
—
4.4
ns
tPHL
HIGH to LOW
propagation delay
B to A
—
—
—
2.5
—
3.3
ns
tPLH
LOW to HIGH
propagation delay
B to A
—
—
—
2.5
—
2.6
ns
ten
enable time
OE to A; B
—
—
—
200
—
200
ns
OE to A; no external load [2]
—
—
—
15
—
15
ns
OE to B; no external load [2]
—
—
—
15
—
15
ns
OE to A
—
—
—
260
—
260
ns
tdis
disable time
OE to B
—
—
—
200
—
200
ns
A port
—
—
2.3
5.6
1.9
5.9
ns
tTLH
LOW to HIGH
output transition
time
B port
—
—
2.5
6.4
2.1
7.4
ns
A port
—
—
2.0
5.4
1.9
5.0
ns
tTHL
HIGH to LOW
output transition
time
B port
—
—
2.3
7.4
2.4
7.6
ns
tsk(o)
output skew time
between channels
[3]
—
—
—
0.7
—
0.7
ns
tW
pulse width
data inputs
—
—
20
—
20
—
ns
fdata
data rate
—
—
—
50
—
50
Mbit/s
Table 10. Dynamic characteristics for temperature range -40 °C to +85 °C[1]...continued
[1]
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[2]
Delay between OE going LOW and when the outputs are actually disabled.
[3]
Skew between any two outputs of the same package switching in the same direction.
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 4.3 — 20 April 2022
9 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com