Electronic Components Datasheet Search
  English  ▼

X  

NTS0102GD Datasheet(PDF) 14 Page - NXP Semiconductors

Part # NTS0102GD
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102GD Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button NTS0102GD Datasheet HTML 10Page - NXP Semiconductors NTS0102GD Datasheet HTML 11Page - NXP Semiconductors NTS0102GD Datasheet HTML 12Page - NXP Semiconductors NTS0102GD Datasheet HTML 13Page - NXP Semiconductors NTS0102GD Datasheet HTML 14Page - NXP Semiconductors NTS0102GD Datasheet HTML 15Page - NXP Semiconductors NTS0102GD Datasheet HTML 16Page - NXP Semiconductors NTS0102GD Datasheet HTML 17Page - NXP Semiconductors NTS0102GD Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
001aam491
1.8 V
SYSTEM
CONTROLLER
3.3 V
SYSTEM
1.8 V
3.3 V
0.1 µF
0.1 µF
1 µF
VCC(A)
OE
A1
DATA
DATA
NTS0102
A2
B1
B2
VCC(B)
Figure 9. Typical operating circuit
13.2 Architecture
The architecture of the NTS0102 is shown in Figure 10. The device does not require an
extra input signal to control the direction of data flow from A to B or B to A.
001aal965
VCC(A)
VCC(B)
A
B
10 kΩ
10 kΩ
T1
T3
T2
ONE
SHOT
ONE
SHOT
GATE BIAS
Figure 10. Architecture of NTS0102 I/O cell (one channel)
The NTS0102 is a "switch" type voltage translator, it employs two key circuits to enable
voltage translation:
1. A pass-gate transistor (N-channel) that ties the ports together.
2. An output edge-rate accelerator that detects and accelerates rising edges on the I/O
pins.
The gate bias voltage of the pass gate transistor (T3) is set at approximately one
threshold voltage above the VCC level of the low-voltage side. During a LOW-to-HIGH
transition, the output one-shot accelerates the output transition by switching on the
PMOS transistors (T1, T2) bypassing the 10 kΩ pull-up resistors and increasing current
drive capability. The one-shot is activated once the input transition reaches approximately
VCCI/2; it is de-activated approximately 50 ns after the output reaches VCCO/2. During the
acceleration time, the driver output resistance is between approximately 50 Ω and 70 Ω.
To avoid signal contention and minimize dynamic ICC, the user should wait for the one-
shot circuit to turn-off before applying a signal in the opposite direction. Pull-up resistors
are included in the device for DC current sourcing capability.
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2022. All rights reserved.
Product data sheet
Rev. 4.3 — 20 April 2022
14 / 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com