Electronic Components Datasheet Search
  English  ▼

X  

SW7N60 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SW7N60
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW7N60 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SW7N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SAMWIN
SW7N60
REV0.2
04.11.1
3/6
Fig 1. On-State Characteristics
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 2. Transfer Characteristics
Fig 6. Gate Charge Characteristics
Fig 5. Capacitance Characteristics
(Non-Repetitive)
2
4
6
8
10
0.1
1
10
25
oC
150
o
C
Note:
1.V
DS
=50V
2.250us pulse test.
V
GS
, Gate-Source Voltage [V]
0
5
10
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
V
GS
=10V
V
GS
=20V
Note:T
J
=25
o
C
I
D
, Drain Current[A]
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
150
oC
25
oC
V
SD
,Source-Drain Voltage[V]
Note:
1.v
GS
=0v
2.250us test
0
10
20
30
40
50
60
70
0
2
4
6
8
10
12
Note:I
D
=7A
Q
G
,Total Gate Charge [nC]
V
DS
=480V
V
DS
=300V
V
DS
=120V
0.1
1
10
0.1
1
10
Note:
1.250us pulse test
2.T
C
=
25oC
V
DS
,Drain-to-Source voltage [V]
VGS
top:10V
8V
7.5V
7V
6.5V
6V
5.5V
bottom:5.5V
0.1
1
10
0
400
800
1200
1600
2000
V
DS
,Drain-Source Voltage [V]
C
rss
C
oss
C
iss
Note:
1.V
GS
=0V
2.f=1MHz.
Ciss = Cgs+Cgd(Cds=shorted)
Coss= Cds+Cgd
Crss = Cgd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com