Electronic Components Datasheet Search
  English  ▼

X  

SW7N60 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SW7N60
Description  N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SW7N60 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SW7N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SW7N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SAMWIN
SW7N60
REV0.2
04.11.1
Features
N-Channel MOSFET
BV
DSS (Minimum)
R
DS(ON) (Maximum)
I
D
Qg (Typical)
P
D (@TC=25
℃
)
General Description
This power MOSFET is produced in CHMC with
advanced VDMOS process, planar stripe. This
technology enable power MOSFET to have better
characteristics, such as fast switching time, low on
resistance, low gate charge and especially excellent
avalanche characteristics. This power MOSFET is
usually used at high efficient DC to DC converter
block and switch mode power supply.
Absolute Maximum Ratings
℃
300
Maximum Lead Temperature for soldering purpose, 1/8 from Case
for 5 seconds.
T
L
℃
-55~+150
Operating junction temperature &Storage temperature
T
STG,TJ
W/
℃
1.14
Derating Factor above 25
℃
W
142
Total Power Dissipation (@Tc=25
℃
)
P
D
V/ns
4.5
Peak Diode Recovery dv/dt
(Note 3)
dv/dt
mJ
14.2
Repetitive Avalanche Energy
(Note 1)
E
AR
mJ
530
Single Pulsed Avalanche Energy
(Note 2)
E
AS
V
±
30
Gate to Source Voltage
V
GS
A
28
Drain Current Pulsed
(Note 1)
I
DM
A
4.7
Continuous Drain Current (@Tc=100
℃
)
A
7
Continuous Drain Current (@Tc=25
℃
)
I
D
V
600
Drain to Source Voltage
V
DSS
Units
Value
Parameter
Symbol
Thermal Characteristics
℃
/ W
62.5
-
-
Thermal Resistance, Junction-to-Ambient
R
è
JA
℃
/ W
0.5
-
Thermal Resistance, Case-to-Sink
R
è
CS
℃
/ W
0.88
-
-
Thermal Resistance, Junction-to-Case
R
è
JC
Max
Typ
Min
Units
Value
Parameter
Symbol
1/6
: 600 V
: 1 ohm
: 7.0 A
: 30 nc
: 142 W
G
S
D


Similar Part No. - SW7N60

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW7N60 SEMIPOWER-SW7N60 Datasheet
404Kb / 5P
N-channel Mosfet
SW7N60A SEMIPOWER-SW7N60A Datasheet
762Kb / 7P
N-channel MOSFET
SW7N60D SEMIPOWER-SW7N60D Datasheet
625Kb / 5P
N-channel TO-220F MOSFET
SW7N60H SEMIPOWER-SW7N60H Datasheet
550Kb / 5P
N-channel TO-220F MOSFET
SW7N60K SEMIPOWER-SW7N60K Datasheet
682Kb / 6P
N-channel TO-220F/I-PAK MOSFET
More results

Similar Description - SW7N60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com