Electronic Components Datasheet Search
  English  ▼

X  

MSK4200B Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK4200B
Description  75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4200B Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK4200B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APPLICATION NOTES
MSK 4200 PIN DESCRIPTION
IN
VCC - Is the low voltage supply for powering internal
logic and drivers for the lowside and highside MOSFETS.
The supplies for the highside drivers are derived from
this voltage.
MOTOR A - Is the output pin for one half of the bridge.
Increasing the input voltage causes increased duty cycles
at this output.
V+ - Is the higher voltage H-bridge supply. The MOSFETS
obtain the drive current from this supply pin. The voltage
on this pin is limited by the drive IC. The MOSFETS are
rated at 100 volts. Proper bypassing to GND with suffi-
cient capacitance to suppress any voltage transients, and
to ensure removing any drooping during switching, should
be done as close to the pins on the hybrid as possible.
MOTOR B - Is the output pin for the other half of the
bridge. Decreasing the input voltage causes increased
duty cycles at this output.
RSENSE A - This is the connection for the bottom of the A
half bridge. This can have a sense resistor connected to
the V+ return ground for current limit sensing, or can be
connected directly to ground. The maximum voltage on
this pin is ±2 volts with respect to GND.
GND - Is the return connection for the input logic and
Vcc.
RSENSE B - This is the connection for the bottom of the B
half bridge. This can have a sense resistor connected to
the V+ return ground for current limit sensing, or can be
connected directly to ground. The maximum voltage on
this pin is ±2 volts with respect to GND.
INPUT - Is an analog input for controlling the PWM pulse
width of the bridge. A voltage higher than Vcc/2 will
produce greater than 50% duty cycle pulses out of
MOTOR A. A voltage lower than Vcc/2 will produce
greater than 50% duty cycle pulses out of MOTOR B.
3
Rev. B 7/02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com