Electronic Components Datasheet Search
  English  ▼

X  

MSK4200B Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK4200B
Description  75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4200B Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4200B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
This is a diagram of a typical application of the MSK 4200. The design Vcc voltage is +12 volts and should have a good low
ESR bypass capacitor such as a tantalum electrolytic. The analog input can be an analog speed control voltage from a potentiometer,
other analog circuitry or by microprocessor and a D/A converter. This analog input gets pulled by the current control circuitry in the
proper direction to reduce the current flow in the bridge if it gets too high. The gain of the current control amplifier will have to be set
to obtain the proper amount of current limiting required by the system.
Current sensing is done in this case by a 0.1 ohm sense resistor to sense current from both legs of the bridge separately. It is
important to make the high current traces as big as possible to keep inductance down. The storage capacitor connected to the V+
and the hybrid should be large enough to provide the high energy pulse without the voltage sagging too far. A low ESR ceramic
capacitor or large polypropylene capacitor will be required. Mount capacitor as close to hybrid as possible. The connection between
GND and the V+ return should not be carrying any motor current. The sense resistor signal is common mode filtered as necessary
to feed the limiting circuitry for the microprocessor. This application will allow full four quadrant torque control for a closed loop
servo system.
A snubber network is usually required, due to the inductance in the power loop. It is important to design the snubber network
to suppress any positive spikes above 75V and negative spikes below -2V with respect to pin 5 (gnd).
TYPICAL SYSTEM OPERATION
4
Rev. B 7/02



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com