Electronic Components Datasheet Search
  English  ▼

X  

MSK4200B Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK4200B
Description  75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4200B Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK4200B Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4200B Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
M.S.KENNEDY CORP.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
ISO 9001 CERTIFIED BY DSCC
MIL-PRF-38534 CERTIFIED
75 VOLT 5 AMP MOSFET
H-BRIDGE PWM MOTOR
DRIVER/AMPLIFIER
4200
The MSK 4200 is a complete H-Bridge hybrid to be used for DC brushed motor control or Class D switchmode
amplifier. All of the drive/control circuitry for the lowside and highside switches are internal to the hybrid. The PWM
circuitry is internal as well, leaving the user to only provide an analog signal for the motor speed/direction, or audio
signal for switchmode audio amplification. The MSK 4200 is packaged in a space efficient isolated 8 pin TO-3 that can
be directly connected to a heatsink.
5
6
7
8
RSENSE A
VCC
GND
INPUT
1
2
3
4
RSENSE B
MOTOR B
V+
MOTOR A
FEATURES:
Low Cost Complete H-Bridge
28 Volt, 5 Amp Capability, 75 Volt Maximum Rating
Self-contained Smart Lowside/Highside Drive Circuitry
Internal PWM Generation, Shoot-through Protection
Isolated Case Allows Direct Heatsinking
Four Quadrant Operation, Torque Control Capability
Available Fully Screened To MIL-PRF-38534
Replaces SA-50
DESCRIPTION:
1
Rev. B 7/02


Similar Part No. - MSK4200B

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK4200B ANAREN-MSK4200B Datasheet
146Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results

Similar Description - MSK4200B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSK4220 ETC-MSK4220 Datasheet
427Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4222 ETC-MSK4222 Datasheet
413Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4223 MSK-MSK4223 Datasheet
358Kb / 5P
75 VOLT 6 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
List of Unclassifed Man...
MSK4221 ETC1-MSK4221 Datasheet
409Kb / 5P
75 VOLT 8 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK4203HU MSK-MSK4203HU Datasheet
181Kb / 5P
75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225S MSK-MSK4225S Datasheet
235Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
logo
Anaren Microwave
MSK4200 ANAREN-MSK4200 Datasheet
146Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4201 ANAREN-MSK4201 Datasheet
144Kb / 6P
75 VOLT 5 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4203 ANAREN-MSK4203 Datasheet
121Kb / 5P
75 VOLT 10 AMP H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
MSK4225 ANAREN-MSK4225 Datasheet
132Kb / 5P
75 VOLT 20 AMP MOSFET H-BRIDGE PWM MOTOR DRIVER/AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com