Electronic Components Datasheet Search
  English  ▼

X  

ADL8121 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL8121
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121 Datasheet(HTML) 2 Page - Analog Devices

  ADL8121 Datasheet HTML 1Page - Analog Devices ADL8121 Datasheet HTML 2Page - Analog Devices ADL8121 Datasheet HTML 3Page - Analog Devices ADL8121 Datasheet HTML 4Page - Analog Devices ADL8121 Datasheet HTML 5Page - Analog Devices ADL8121 Datasheet HTML 6Page - Analog Devices ADL8121 Datasheet HTML 7Page - Analog Devices ADL8121 Datasheet HTML 8Page - Analog Devices ADL8121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
ADL8121
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 22
Features................................................................ 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................1
Specifications........................................................ 3
0.025 GHz to 10 GHz Frequency Range........... 3
10 GHz to 12 GHz Frequency Range................ 3
Absolute Maximum Ratings...................................4
Thermal Resistance........................................... 4
Electrostatic Discharge (ESD) Ratings...............4
ESD Caution.......................................................4
Pin Configuration and Function Descriptions........ 5
Interface Schematics..........................................5
Typical Performance Characteristics..................... 6
Theory of Operation.............................................18
Applications Information...................................... 19
Recommended Bias Sequencing.....................20
Recommended Power Management Circuit.....20
Using RBIAS to Enable and Disable ADL8121... 21
Outline Dimensions............................................. 22
Ordering Guide.................................................22
Evaluation Boards............................................ 22
REVISION HISTORY
4/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com