Electronic Components Datasheet Search
  English  ▼

X  

ADL8121 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL8121
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL8121 Datasheet HTML 14Page - Analog Devices ADL8121 Datasheet HTML 15Page - Analog Devices ADL8121 Datasheet HTML 16Page - Analog Devices ADL8121 Datasheet HTML 17Page - Analog Devices ADL8121 Datasheet HTML 18Page - Analog Devices ADL8121 Datasheet HTML 19Page - Analog Devices ADL8121 Datasheet HTML 20Page - Analog Devices ADL8121 Datasheet HTML 21Page - Analog Devices ADL8121 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Data Sheet
ADL8121
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 22
RECOMMENDED BIAS SEQUENCING
Correct sequencing of the dc and RF power is required to safely
operate the ADL8121. During power-up, apply VDD before the RF
power is applied to RFIN, and during power off, remove the RF
power from RFIN before VDD is powered off.
See the ADL8121-EVALZ user guide for the recommended bias
sequencing information.
During Power-Up
The recommended bias sequence during power-up is as follows:
1. Set VDD to 5 V.
2. Apply the RF signal.
During Power-Down
The recommended bias sequence during power-down is as follows:
1. Turn off the RF signal.
2. Set VDD to 0 V.
RECOMMENDED POWER MANAGEMENT
CIRCUIT
Figure 81 shows a recommended power management circuit for the
ADL8121. The LT8607 step-down regulator is used to step down a
12 V rail to 6.62 V, which is then applied to the LT3042 low dropout
(LDO) linear regulator to generate a low noise 5 V output. While the
circuit shown in Figure 81 has an input voltage (VIN) of 12 V, the
input range to the LT8607 can be as high as 42 V.
The 6.62 V regulator output of the LT8607 is set by the R2 and R3
resistors according to the following equation:
R2 = R3((VOUT/0.778 V) − 1), where VOUT is the output voltage.
The switching frequency is set to 2 MHz by the 18.2 kΩ resistor
on the RT pin. The LT8607 data sheet provides a table of resistor
values that can be used to select other switching frequencies
ranging from 0.2 MHz to 2.2 MHz.
The output voltage of the LT3042 is set by the R4 resistor connect-
ed to the SET pin according to the following equation:
VOUT = 100 μA × R4
The PGFB resistors are chosen to trigger the power-good (PG)
signal when the output is just under 95% of the target voltage of
5 V. The output of the LT3042 has 1% initial tolerance and another
1% variation over temperature. The PGFB tolerance is roughly
3% over temperature and adding resistors results in a bit more
(5%), therefore, putting 5% between the output and the PGFB
resistors works well. In addition, the PG open-collector is pulled up
to the 5 V output to give a convenient 0 V to 5 V voltage range.
Table 8 provides the recommended resistor values for operation at
5 V to 2 V.
Table 8. Recommended Resistor Values for Operating from 5 V to 2 V
LDO VOUT (V)
R4 (kΩ)
R7 (kΩ)
R8 (kΩ)
5
51.1
464
28.7
4
42.2
383
28.7
3
31.6
261
28.7
2
21.5
178
28.7
Figure 81. Recommended Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com