Electronic Components Datasheet Search
  English  ▼

X  

ADL8121 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL8121
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121 Datasheet(HTML) 3 Page - Analog Devices

  ADL8121 Datasheet HTML 1Page - Analog Devices ADL8121 Datasheet HTML 2Page - Analog Devices ADL8121 Datasheet HTML 3Page - Analog Devices ADL8121 Datasheet HTML 4Page - Analog Devices ADL8121 Datasheet HTML 5Page - Analog Devices ADL8121 Datasheet HTML 6Page - Analog Devices ADL8121 Datasheet HTML 7Page - Analog Devices ADL8121 Datasheet HTML 8Page - Analog Devices ADL8121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL8121
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 22
0.025 GH
z TO 10 GHz FREQUENCY RANGE
Supply voltage (VDD) = 5 V, supply current (IDQ) = 95 mA, bias resistance (RBIAS) = 324 Ω, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.025
10
GHz
GAIN
14.5
16.5
dB
Gain Variation over Temperature
0.006
dB/°C
NOISE FIGURE
2.5
dB
RETURN LOSS
Input (S11)
12
dB
Output (S22)
14
dB
OUTPUT
Power for 1 dB Compression (OP1dB)
18.5
21
dBm
PSAT
21.5
dBm
OIP3
36
dBm
Measurement taken at output power (POUT) per tone = 5 dBm
Second-Order Intercept (OIP2)
40
dBm
Measurement taken at POUT per tone = 5 dBm
POWER ADDED EFFICIENCY (PAE)
27
%
Measured at PSAT
SUPPLY
IDQ
95
mA
Drain Current (IDQ_AMP)
90
mA
RBIAS Current (IRBIAS)
5
mA
VDD
2
5
6
V
10 GH
z TO 12 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 95 mA, RBIAS= 324 Ω, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
10
12
GHz
GAIN
15
17
dB
Gain Variation over Temperature
0.006
dB/°C
NOISE FIGURE
3.5
dB
RETURN LOSS
S11
11
dB
S22
15
dB
OUTPUT
OP1dB
14.5
17
dBm
PSAT
19.5
dBm
OIP3
34
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
45
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
17
%
Measured at PSAT
SUPPLY
IDQ
95
mA
IDQ_AMP
90
mA
IRBIAS
5
mA
VDD
2
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com