Electronic Components Datasheet Search
  English  ▼

X  

MCP79522 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP79522
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP79522 Datasheet HTML 34Page - Microchip Technology MCP79522 Datasheet HTML 35Page - Microchip Technology MCP79522 Datasheet HTML 36Page - Microchip Technology MCP79522 Datasheet HTML 37Page - Microchip Technology MCP79522 Datasheet HTML 38Page - Microchip Technology MCP79522 Datasheet HTML 39Page - Microchip Technology MCP79522 Datasheet HTML 40Page - Microchip Technology MCP79522 Datasheet HTML 41Page - Microchip Technology MCP79522 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 38
 2012-2022 Microchip Technology Inc.and its subsidiaries
6.2
Status Register
The STATUS register contains the BP<1:0>, WEL and
WIP bits. The STATUS register is accessed using the
SRREAD and SRWRITE instructions.
The Block Protection (BP<1:0>) bits are used to set the
block write protection for the EEPROM array according
to Table 6-1. These bits are set by the user issuing the
SRWRITE instruction. These bits are nonvolatile.
The Write Enable Latch (WEL) bit indicates the status
of the write enable latch. When set to a ‘1’, the latch
allows writes to the nonvolatile memory, when set to a
‘0’, the latch prohibits writes to the nonvolatile memory.
The state of this bit can be updated via the EEWREN or
EEWRDI instructions. This bit is read-only.
The WIP bit indicates whether the MCP795XX is busy
with a nonvolatile memory write operation. When set to
a ‘1’, a write is in progress. When set to a ‘0’, no write
is in progress. This bit is read-only.
TABLE 6-1:
BLOCK PROTECTION
REGISTER 6-1:
STATUS: EEPROM WRITE PROTECTION REGISTER
6.2.1
STATUS REGISTER WRITE
SEQUENCE
The Write Status Register instruction (SRWRITE)
allows the user to write to the nonvolatile bits in the
STATUS register.
Prior to any attempt to write data to the STATUS
register, the write enable latch must be set by issuing
the EEWREN instruction. This is done by setting CS low
and then clocking out the proper instruction into the
MCP795XX.
After all eight bits of the instruction are transmitted, CS
must be driven high to set the write enable latch. If the
write operation is initiated immediately after the
EEWREN instruction without CS driven high, data will not
be written to the array since the write enable latch was
not properly set. The device is selected by pulling CS
low. The 8-bit SRWRITE instruction is transmitted to the
MCP795XX followed by the 8-bit data byte. CS is
driven high to end the operation and initiate the
nonvolatile write cycle (Figure 6-4).
BP1
BP0
Array Addresses
Write-Protected
00
None
01
Upper 1/4
60h-7Fh (MCP7951X)
C0h-FFh (MCP7952X)
10
Upper 1/2
40h-7Fh (MCP7951X)
80h-FFh (MCP7952X)
11
All
U-0
U-0
U-0
U-0
R/W
R/W
R-0
R-0
—
—
—
—
BP1
BP0
WEL
WIP
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is clear
x = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-2
BP<1:0>: EEPROM Array Block Protection bits
Selects which EEPROM region is write-protected
00 = None
01 = Upper 1/4
10 = Upper 1/2
11 = All
bit 1
WEL: Write Enable Latch bit
Indicates whether or not nonvolatile memory writes are enabled. It is automatically cleared at the end
of a nonvolatile memory write cycle.
0 = Writes to nonvolatile memory are not enabled
1 = Writes to nonvolatile memory are enabled
bit 0
WIP: Write-In-Process bit
Indicates whether or not a nonvolatile memory write cycle is in process
0 = Nonvolatile write cycle is not in process
1 = Nonvolatile write cycle is in process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com