Electronic Components Datasheet Search
  English  ▼

X  

MCP79522 Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP79522
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522 Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP79522 Datasheet HTML 36Page - Microchip Technology MCP79522 Datasheet HTML 37Page - Microchip Technology MCP79522 Datasheet HTML 38Page - Microchip Technology MCP79522 Datasheet HTML 39Page - Microchip Technology MCP79522 Datasheet HTML 40Page - Microchip Technology MCP79522 Datasheet HTML 41Page - Microchip Technology MCP79522 Datasheet HTML 42Page - Microchip Technology MCP79522 Datasheet HTML 43Page - Microchip Technology MCP79522 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
MCP7951X/MCP7952X
DS20002300D-page 40
 2012-2022 Microchip Technology Inc.and its subsidiaries
6.3
EEPROM
The MCP7952X features 2 Kbits of EEPROM and the
MCP7951X features 1 Kbit of EEPROM. It is organized
in 8-byte pages with software write protection
configurable through the STATUS register.
6.3.1
WRITE ENABLE AND WRITE
DISABLE
The MCP795XX contains a write enable latch. This
latch must be set before any write operation will be
completed internally. The EEWREN instruction will set
the latch and the EEWRDI instruction will reset the latch.
The following is a list of conditions under which the
write enable latch will be reset:
•Power-up
• WRDI instruction successfully executed
• EEWRITE instruction successfully executed
• SRWRITE instruction successfully executed
• IDWRITE instruction successfully executed
• Unlock sequence for protected EEPROM not
followed correctly
FIGURE 6-6:
WRITE ENABLE SEQUENCE
FIGURE 6-7:
WRITE DISABLE SEQUENCE
SCK
0
234567
1
SI
High-Impedance
SO
CS
01
0000
0
1
SCK
0
2
3
456
7
1
SI
High-Impedance
SO
CS
01
00
00
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com