Electronic Components Datasheet Search
  English  ▼

X  

MCP79522 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP79522
Description  Battery-Backed SPI Real-Time Clock/Calendar
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79522 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP79522 Datasheet HTML 39Page - Microchip Technology MCP79522 Datasheet HTML 40Page - Microchip Technology MCP79522 Datasheet HTML 41Page - Microchip Technology MCP79522 Datasheet HTML 42Page - Microchip Technology MCP79522 Datasheet HTML 43Page - Microchip Technology MCP79522 Datasheet HTML 44Page - Microchip Technology MCP79522 Datasheet HTML 45Page - Microchip Technology MCP79522 Datasheet HTML 46Page - Microchip Technology MCP79522 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
 2012-2022 Microchip Technology Inc. and its subsidiaries
DS20002300D-page 43
MCP7951X/MCP7952X
6.4.2
PROTECTED EEPROM UNLOCK
SEQUENCE
The protected EEPROM block requires a special
unlock sequence to prevent unintended writes, utilizing
the UNLOCK instruction.
Before performing the unlock sequence, the WEL bit
must first be set by executing an EEWREN instruction
(see Section 6.3.1 “Write Enable and Write Disable”
for details).
To unlock the block, the following sequence must be
followed after setting the WEL bit:
1.
Execute an UNLOCK instruction with a data byte
of 0x55
2.
Execute an UNLOCK instruction with a data byte
of 0xAA
3.
Write the desired data bytes to the protected
EEPROM using the IDWRITE instruction
Figure 6-12 illustrates the sequence.
An entire protected EEPROM page does not have to be
written in a single operation. However, the block is
locked after each write operation and must be unlocked
again to start a new Write command.
6.4.3
PROTECTED EEPROM WRITE
SEQUENCE
Prior to any attempt to write data to the MCP795XX
protected EEPROM block, the write enable latch must
be set by issuing the EEWREN instruction and then the
protected EEPROM unlock sequence must be
performed. The EEWREN instruction is issued by setting
CS low and then clocking out the proper instruction into
the MCP795XX. After all eight bits of the instruction are
transmitted, CS must be driven high to set the write
enable latch.
After setting the write enable latch and performing the
unlock sequence, the user may proceed by driving CS
low, issuing an IDWRITE instruction, followed by the
address and then the data to be written. Up to 8 bytes
of data can be sent to the device before a write cycle is
necessary. The only restriction is that all of the bytes
must reside in the same page. Additionally, a page
address begins with XXXX x000 and ends with
XXXX x111. If the internal address counter reaches
XXXX x111 and clock signals continue to be applied to
the chip, the address counter will roll back to the first
address of the page and over-write any data that
previously existed in those locations.
For the data to be actually written to the array, the CS
must be brought high after the Least Significant bit (D0)
of the nth data byte has been clocked in. If CS is driven
high at any other time, the write operation will not be
completed. Refer to Figure 6-12 for more detailed
illustrations on the page write sequence. While the
write is in progress, the STATUS register may be read
to check the status of the WIP, WEL, BP1 and BP0 bits.
Attempting to read a memory array location will not be
possible during a write cycle. Polling the WIP bit in the
STATUS register is recommended in order to
determine if a write cycle is in progress. When the write
cycle is completed, the write enable latch is reset.
If an attempt is made to write to an address outside of
the 0x00 to 0x0F range, the MCP795XX will not
execute the WRITE instruction, no data will be written,
and the device will immediately accept a new
command.
Note 1: Diverging from any step of the unlock
sequence may result in the EEPROM
remaining locked, the write operation
being ignored and the WEL bit being
reset.
2: Unlocking the EEPROM is not required in
order to read from the memory.
Note:
Protected EEPROM write operations are
limited to writing bytes within a single
physical page, regardless of the number
of bytes actually being written. Physical
page boundaries start at addresses that
are integer multiples of the page buffer
size (or ‘page size’) and end at addresses
that are integer multiples of page size – 1.
If an IDWRITE command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent protected
EEPROM write operations that would
attempt to cross a page boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com