Electronic Components Datasheet Search
  English  ▼

X  

DG441LE Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG441LE
Description  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG441LE Datasheet HTML 3Page - Vishay Siliconix DG441LE Datasheet HTML 4Page - Vishay Siliconix DG441LE Datasheet HTML 5Page - Vishay Siliconix DG441LE Datasheet HTML 6Page - Vishay Siliconix DG441LE Datasheet HTML 7Page - Vishay Siliconix DG441LE Datasheet HTML 8Page - Vishay Siliconix DG441LE Datasheet HTML 9Page - Vishay Siliconix DG441LE Datasheet HTML 10Page - Vishay Siliconix DG441LE Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
7
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RDS(on) vs. Analog Voltage and Temperature
RDS(on) vs. Analog Voltage
RDS(on) vs. Drain Voltage and Temperature
RDS(on) vs. Analog Voltage
Leakage Current vs. Drain Voltage
(Dual Supply)
0
5
10
15
20
25
30
0123456789
10
11
12
V
D - Analog Voltage (V)
+125 °C
+85 °C
+25 °C
-40 °C
V+ = +12 V
I
S = 10 mA
-55 °C
0
10
20
30
40
50
60
70
80
90
02468
10
12
14
16
V
D - Analog Voltage (V)
V+ = +3 V
V+ = +12 V
V+ = +5 V
V+ = +16 V
T
A = 25 °C
I
S = 10 mA
0
5
10
15
20
25
30
35
-5
-4
-3
-2
-1
0
1
2
3
4
5
V
D - Analog Voltage (V)
+125 °C
+85 °C
+25 °C
-40 °C
V± = ± 5 V
I
S = 10 mA
-55 °C
6
8
10
12
14
16
18
20
22
24
-8
-6
-4
-2
02468
V
D - Analog Voltage (V)
T
A = 25 °C
I
S = 10 mA
V± = ± 8 V
V± = ± 5 V
-40
-30
-20
-10
0
10
20
30
40
-5
-4
-3
-2
-1
012345
V
D - Drain Voltage (V), VS = -VD
V+ = +5 V
I
D(ON)
I
D(OFF)
I
S(OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com