Electronic Components Datasheet Search
  English  ▼

X  

DG441LE Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG441LE
Description  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG441LE Datasheet HTML 5Page - Vishay Siliconix DG441LE Datasheet HTML 6Page - Vishay Siliconix DG441LE Datasheet HTML 7Page - Vishay Siliconix DG441LE Datasheet HTML 8Page - Vishay Siliconix DG441LE Datasheet HTML 9Page - Vishay Siliconix DG441LE Datasheet HTML 10Page - Vishay Siliconix DG441LE Datasheet HTML 11Page - Vishay Siliconix DG441LE Datasheet HTML 12Page - Vishay Siliconix DG441LE Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
9
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Input Threshold vs. Single Supply Voltage
Charge Injection vs. Analog Voltage
Insertion Loss, Off Isolation and Crosstalk vs. Frequency
(Single Supply)
Supply Current vs. Temperature
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2468
10
12
14
16
V+ - Positive Supply Voltage (V)
V
IH
V
IL
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-5 -4 -3 -2 -1 0123456789 10 11 12
V
D - Analog Voltage (V)
V± = ± 5 V
V+ = 12 V
V+ = 5 V
V+ = 3 V
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100K
1M
10M
100M
1G
Frequency (Hz)
Insertion Loss, -3dB = 301 MHz
V+ = +3 V
V- = 0 V
OIRR
X
TALK
0
10
20
30
40
50
60
70
80
90
100
-40
-20
0
20406080
100
120
Temperature (
°C)
V+ = +5.5 V
V- = 0 V
IN = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com