Electronic Components Datasheet Search
  English  ▼

X  

DG441LE Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG441LE
Description  16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LE Datasheet(HTML) 3 Page - Vishay Siliconix

  DG441LE Datasheet HTML 1Page - Vishay Siliconix DG441LE Datasheet HTML 2Page - Vishay Siliconix DG441LE Datasheet HTML 3Page - Vishay Siliconix DG441LE Datasheet HTML 4Page - Vishay Siliconix DG441LE Datasheet HTML 5Page - Vishay Siliconix DG441LE Datasheet HTML 6Page - Vishay Siliconix DG441LE Datasheet HTML 7Page - Vishay Siliconix DG441LE Datasheet HTML 8Page - Vishay Siliconix DG441LE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DG441LE, DG442LE
www.vishay.com
Vishay Siliconix
S16-0392-Rev. A, 07-Mar-16
3
Document Number: 76754
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS a (single supply 12 V)
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
V+ = 12 V, V- = 0 V
VIN = 2.4 V, 0.8 V f
TEMP. b TYP. c
A SUFFIX
LIMITS
-55 °C to +125 °C
D SUFFIX
LIMITS
-40 °C to +85 °C
UNIT
MIN. d
MAX. d
MIN. d
MAX. d
Analog Switch
Analog Signal Range e
VANALOG
Full
-
0
12
0
12
V
Drain-Source
On-Resistance
RDS(on)
V+ = 10.8 V, V- = 0 V
IS = 10 mA, VD = 2 V / 9 V
Room
16
-
26
-
26
Full
-
-
40
-
35
On-Resistance Match
Between Channels e
R
DS(on)
IS = 10 mA, VD = 9 V
Room
0.1
-
0.5
-
0.5
Switch Off Leakage Current
IS(off)
VD = 1 V / 11 V,
VS = 11 V / 1 V
Room
-
-1
1
-1
1
nA
Full
-
-15
15
-10
10
ID(off)
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Channel On Leakage Current
ID(on)
VS = VD = 11 V / 1 V
Room
-
-1
1
-1
1
Full
-
-15
15
-10
10
Digital Control
Input Current, VIN Low
IIL
VIN under test = 0.8 V
Full
0.01
-1.5
1.5
-1
1
μA
Input Current, VIN High
IIH
VIN under test = 2.4 V
Full
-
-1.5
1.5
-1
1
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = 5 V, see figure 2
Room
18
-
60
-
60
ns
Full
-
-
80
-
70
Turn-Off Time
tOFF
Room
18
-
35
-
35
Full
-
-
50
-
45
Charge Injection e
QVg = 0 V, Rg = 0 , CL = 10 nF
Room
6.6
-
-
-
-
pC
Off Isolation e
OIRR
RL = 50 , CL = 5 pF,
f = 1 MHz
Room
68.4
-
-
-
-
dB
Channel-to-Channel Crosstalk e
XTALK
Room
114
-
-
-
-
Source Off Capacitance e
CS(off)
f = 1 MHz
Room
5
-
-
-
-
pF
Drain Off Capacitance e
CD(off)
Room
6
-
-
-
-
Channel On Capacitance e
CD(on)
Room
15
-
-
-
-
Power Supplies
Positive Supply Current
I +
VIN = 0 V or 12 V
Full
0.03
-
1.5
-
1
μA
Negative Supply Current
I -
Room
-
-1
-
-1
-
Full
0.002
-7.5
-
-5
-
Ground Current
IGND
Full
0.002
-1.5
-
-1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com