Electronic Components Datasheet Search
  English  ▼

X  

DG418LDY Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG418LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418LDY Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button DG418LDY Datasheet HTML 2Page - Vishay Siliconix DG418LDY Datasheet HTML 3Page - Vishay Siliconix DG418LDY Datasheet HTML 4Page - Vishay Siliconix DG418LDY Datasheet HTML 5Page - Vishay Siliconix DG418LDY Datasheet HTML 6Page - Vishay Siliconix DG418LDY Datasheet HTML 7Page - Vishay Siliconix DG418LDY Datasheet HTML 8Page - Vishay Siliconix DG418LDY Datasheet HTML 9Page - Vishay Siliconix DG418LDY Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
6
Document Number: 71763
S13-1856-Rev. G, 19-Aug-13
Vishay Siliconix
DG417L, DG418L, DG419L
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
RON vs. VCOM and Supply Voltage
RON vs. Analog Voltage and Temperature
Supply Current vs. Input Switching Frequency
0
10
20
30
40
50
60
03
69
12
V+ = 2.7 V
VCOM - Analog Voltage (V)
V+ = 4.5 V
V+ = 10.8 V
T = 25 °C
IS = 5 mA
0
5
10
15
20
25
30
- 5
- 3
- 1
1
3
5
- 40 °C
V ± = ± 5 V
IS = 5 mA
VCOM - Analog Voltage (V)
25 °C
85 °C
125 °C
- 55 °C
Input Switching Frequency (Hz)
10
100
1 K
10 K
100 K
1 M
10 M
1
10 n
100 n
1 m
10 m
1 µ
10 µ
100 µ
RON vs. Analog Voltage and Temperature
Supply Current vs. Temperature
Leakage Current vs. Temperature
0
10
20
30
40
50
60
70
80
012345
A = 125 °C
B = 85 °C
C = 25 °C
D = - 40 °C
E = - 55 °C
IS = 5 mA
VCOM - Analog Voltage (V)
V+ = 4.5 V
V+ = 2.7 V
A
B
C
A
B
C
D
E
D
E
100
1000
10 000
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
V ± = ± 5 V
VIN = 0 V
1
10
100
1000
10 000
- 55
- 35
- 15
5
25
45
65
85
105
125
Temperature (°C)
ICOM(on)
V+ = 12 V
V - = 0 V
ICOM(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com