Electronic Components Datasheet Search
  English  ▼

X  

DG418LDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG418LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418LDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG418LDY Datasheet HTML 3Page - Vishay Siliconix DG418LDY Datasheet HTML 4Page - Vishay Siliconix DG418LDY Datasheet HTML 5Page - Vishay Siliconix DG418LDY Datasheet HTML 6Page - Vishay Siliconix DG418LDY Datasheet HTML 7Page - Vishay Siliconix DG418LDY Datasheet HTML 8Page - Vishay Siliconix DG418LDY Datasheet HTML 9Page - Vishay Siliconix DG418LDY Datasheet HTML 10Page - Vishay Siliconix DG418LDY Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Document Number: 71763
S13-1856-Rev. G, 19-Aug-13
www.vishay.com
7
Vishay Siliconix
DG417L, DG418L, DG419L
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Leakage vs. Analog Voltage
Switching Time vs. Temperature and
Dual Supply Voltage
Switching Threshold vs. Supply Voltage
- 40
- 20
0
20
40
02468
10
12
VCOM, VNO, VNC - Analog Voltage (V)
ICOM(off)/ICOM(on)
V+ = 12 V
V - = 0 V
INO(off)/INC(on)
0
10
20
30
40
50
60
70
80
- 55 - 35
- 15
5
25
45
65
85
105
125
tON V+ = ± 3 V
Temperature (°C)
tON V+ = ± 5 V
tOFF V+ = ± 3 V
tOFF V+ = ± 5 V
tOFF V+ = ± 6 V
tON V+ = ± 6 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V+ - Supply Voltage (V)
VL = V+
Switching Time vs. Temperature and
Single Supply Voltage
Insertion Loss, Off -Isolation
Crosstalk vs. Frequency
Charge Injection vs. Analog Voltage)
0
10
20
30
40
50
60
70
80
90
- 55
- 35
- 15
5
25
45
65
85
105
125
tON V+ = 3 V
Temperature (°C)
tON V+ = 5 V
tON V+ = 12 V
tOFF V+ = 5 V
tOFF V+ = 12 V
tOFF V+ = 3 V
- 100
- 90
- 80
- 70
- 60
- 50
- 40
- 30
- 20
- 10
0
Frequency (Hz)
100K
1M
10M
100M
1G
V+ = 3 V
V- = 0 V
RL= 50
OIRR
Loss
XTALK
- 12
- 10
- 8
- 6
- 4
- 2
0
2
4
6
8
10
12
- 6
- 4
- 2
0
2
4
6
8
10
12
VCOM - Analog Voltage (V)
V = ± 5 V
V+ = 3 V
V+ = 5 V
V+ = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com