Electronic Components Datasheet Search
  English  ▼

X  

DG418LDY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG418LDY
Description  Precision Monolithic Low-Voltage CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418LDY Datasheet(HTML) 3 Page - Vishay Siliconix

  DG418LDY Datasheet HTML 1Page - Vishay Siliconix DG418LDY Datasheet HTML 2Page - Vishay Siliconix DG418LDY Datasheet HTML 3Page - Vishay Siliconix DG418LDY Datasheet HTML 4Page - Vishay Siliconix DG418LDY Datasheet HTML 5Page - Vishay Siliconix DG418LDY Datasheet HTML 6Page - Vishay Siliconix DG418LDY Datasheet HTML 7Page - Vishay Siliconix DG418LDY Datasheet HTML 8Page - Vishay Siliconix DG418LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 71763
S13-1856-Rev. G, 19-Aug-13
www.vishay.com
3
Vishay Siliconix
DG417L, DG418L, DG419L
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
SPECIFICATIONS (Dual Supply ± 5 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 5 V, V- = - 5 V
VL = 5 V, VIN = 2.4 V, 0.8 V
f
Temp.b
Typ.c
A Suffix Limits
- 55 °C to 125 °C
D Suffix Limits
- 40 °C to 85 °C
Unit
Min.d
Max.d
Min.d
Max.d
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 55- 55
V
On-Resistance
RON
V+ = 5 V, V- = - 5 V
INO, INC = 5 mA, VCOM = ± 3.5 V
Room
Full
14
18.5
30
18.5
21
Switch Off
Leakage Currenta
INO(off)
INC(off)
V+ = 5.5 , V- = - 5.5 V
VCOM = ± 4.5 V
VNO, VNC = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ICOM(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On
Leakage Currenta
ICOM(on)
V+ = 5.5 V, V- = - 5.5 V
VNO, VNC = VCOM = ± 4.5 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Input Currenta
IINL or IINH
Full
0.05
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 , CL = 35 pF
VNO, VNC = ± 3.5 V, see figure 2
Room
Full
30
41
50
41
44
ns
Turn-Off Timee
tOFF
Room
Full
16
32
36
32
33
Break-Before-Make Time
Delaye
tD
DG419L only, VNO, VNC = 3.5 V
RL = 300 , CL = 35 pF
Room
10
TransitionTime
tTRANS
RL = 300 , CL = 35 pF
VS1 = ± 3.5 V, VS2 = ± 3.5 V
Room
33
47
47
Charge Injectione
QINJ
Vg = 0 V, Rg = 0 , CL = 1 nF
Room
3
pC
Off-Isolatione
OIRR
RL = 50 , CL = 5 pF , f = 1 MHz
Room
- 71
dB
Channel-to-Channel
Crosstalke
XTALK
Room
- 76
Source Off Capacitancee
CNO(off)
CNC(off)
f = 1 MHz
Room
5.2
pF
Channel-On Capacitancee
CON
Room
15
Power Supplies
Positive Supply Currente
I+
VIN = 0 or VL
Room
Full
0.03
1
7.5
1
5
µA
Negative Supply Currente
I-
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5
Logic Supply Currente
IL
Room
Full
0.002
1
7.5
1
5
Ground Currente
IGND
Room
Full
- 0.002
- 1
- 7.5
- 1
- 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com