Electronic Components Datasheet Search
  English  ▼

X  

2805083 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2805083
Description  Connector/Adapter - BNC-DV 75
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2805083 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2805083 Datasheet HTML 1Page - PHOENIX CONTACT 2805083 Datasheet HTML 2Page - PHOENIX CONTACT 2805083 Datasheet HTML 3Page - PHOENIX CONTACT 2805083 Datasheet HTML 4Page - PHOENIX CONTACT 2805083 Datasheet HTML 5Page - PHOENIX CONTACT 2805083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/us/products/2805083
12/24/2021   Page 4 / 6
Connector/Adapter - BNC-DV 75 - 2805083
Accessories
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
DIN rail perforated, acc. to EN 60715, material: Steel, galvanized, passivated with a thick layer, Standard profile,
color: silver
 
 
DIN rail, unperforated - NS 35/ 7,5 UNPERF 2000MM - 0801681
DIN rail, unperforated, acc. to EN 60715, material: Steel, galvanized, passivated with a thick layer, Standard profile,
color: silver
 
 
DIN rail perforated - NS 35/ 7,5 WH PERF 2000MM - 1204119
DIN rail perforated, acc. to EN 60715, material: Steel, Galvanized, white passivated, Standard profile, color: silver
 
 
DIN rail, unperforated - NS 35/ 7,5 WH UNPERF 2000MM - 1204122
DIN rail, unperforated, acc. to EN 60715, material: Steel, Galvanized, white passivated, Standard profile, color: silver
 
 
DIN rail, unperforated - NS 35/ 7,5 AL UNPERF 2000MM - 0801704
DIN rail, unperforated, acc. to EN 60715, material: Aluminum, uncoated, Standard profile, color: silver
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com