Electronic Components Datasheet Search
  English  ▼

X  

2805083 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2805083
Description  Connector/Adapter - BNC-DV 75
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2805083 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2805083 Datasheet HTML 1Page - PHOENIX CONTACT 2805083 Datasheet HTML 2Page - PHOENIX CONTACT 2805083 Datasheet HTML 3Page - PHOENIX CONTACT 2805083 Datasheet HTML 4Page - PHOENIX CONTACT 2805083 Datasheet HTML 5Page - PHOENIX CONTACT 2805083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/us/products/2805083
12/24/2021   Page 2 / 6
Connector/Adapter - BNC-DV 75 - 2805083
Technical data
Ambient conditions
Ambient temperature (operation)
-60 °C ... 105 °C (max. short-term operating temperature RTI Elec.)
Ambient temperature (storage/transport)
-25 °C ... 60 °C (for a short time, not exceeding 24 h, -60 °C to +70 °C)
Degree of protection
IP20
General
Housing material
PA
Flammability rating according to UL 94
V2
Color
gray
Mounting type
NS 35/7,5
Number of positions
2
Protective circuit
Frequency range
0 GHz ... 3 GHz
Voltage standing wave ratio VSWR in a 75 Ω system
< 1.1 (3 GHz)
Connection data
Connection method
BNC 75 Ω
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50 years
For details about hazardous substances go to tab “Downloads”, Category
“Manufacturer's declaration”
Classifications
eCl@ss
eCl@ss 10.0.1
27141190
eCl@ss 11.0
27141190
eCl@ss 4.0
27141100
eCl@ss 4.1
27141100
eCl@ss 5.0
27141100
eCl@ss 5.1
27141100
eCl@ss 6.0
27141100
eCl@ss 7.0
27141190
eCl@ss 9.0
27141190
ETIM
ETIM 2.0
EC000897
ETIM 3.0
EC000897
ETIM 4.0
EC002498



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com