Electronic Components Datasheet Search
  English  ▼

X  

2805083 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2805083
Description  Connector/Adapter - BNC-DV 75
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2805083 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2805083 Datasheet HTML 1Page - PHOENIX CONTACT 2805083 Datasheet HTML 2Page - PHOENIX CONTACT 2805083 Datasheet HTML 3Page - PHOENIX CONTACT 2805083 Datasheet HTML 4Page - PHOENIX CONTACT 2805083 Datasheet HTML 5Page - PHOENIX CONTACT 2805083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/us/products/2805083
12/24/2021   Page 1 / 6
Connector/Adapter - BNC-DV 75 - 2805083
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
BNC connector, 2-pos., double-level, for mounting on NS 32 or NS 35/7,5, wave impedance: 75 Ω
Your advantages
 Can be labeled individually
 With isolated structure on the DIN rail
 For coaxial cables
 DIN rail-mountable and can be aligned
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
10 pc
GTIN
GTIN
4017918074579
Weight per Piece (excluding packing)
53.340 g
Custom tariff number
85366910
Country of origin
Poland
Technical data
Dimensions
Height
90 mm
Width
22 mm
Length
42.5 mm
Ambient conditions


Similar Part No. - 2805083

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
280508-2 MACOM-280508-2 Datasheet
82Kb / 1P
AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
280508-3 MACOM-280508-3 Datasheet
82Kb / 1P
AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
280508-7 MACOM-280508-7 Datasheet
82Kb / 1P
AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
More results

Similar Description - 2805083

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
APH-BNCJ-HDBNCP AMPHENOL-APH-BNCJ-HDBNCP Datasheet
150Kb / 1P
HD BNC PLUG TO BNC JACK 75 OHM ADAPTER
APH-BNCP-HDBNCJ AMPHENOL-APH-BNCP-HDBNCJ Datasheet
125Kb / 1P
BNC PLUG TO HD-BNC JACK,75 OHM ADAPTER
APH-BNCP-HDBNCP AMPHENOL-APH-BNCP-HDBNCP Datasheet
151Kb / 1P
HD BNC PLUG TO BNC PLUG 75 OHM ADAPTER
APH-BNCP-HDBNCJ_1010 AMPHENOL-APH-BNCP-HDBNCJ_1010 Datasheet
116Kb / 1P
BNC PLUG TO HD-BNC JACK, 75 OHM ADAPTER
APH-BNCP-HDBNCP_1010 AMPHENOL-APH-BNCP-HDBNCP_1010 Datasheet
121Kb / 1P
HD BNC PLUG TO BNC PLUG 75 OHM ADAPTER
logo
Winchester Electronics ...
SD2029-9-9 WINCHESTER-SD2029-9-9 Datasheet
47Kb / 1P
ADAPTER, F-F, BULKHEAD, 75 BNC
SD2029-16-9 WINCHESTER-SD2029-16-9 Datasheet
43Kb / 1P
ADAPTER, F-M-F, 75 BNC-75 BNC
logo
Pasternack Enterprises,...
PE9362 PASTERNACK-PE9362 Datasheet
247Kb / 3P
75 Ohm BNC Female to BNC Female Adapter
PE9363 PASTERNACK-PE9363 Datasheet
256Kb / 3P
Bulkhead 75 Ohm BNC Female to BNC Female Adapter
PE9364 PASTERNACK-PE9364 Datasheet
243Kb / 2P
75 Ohm BNC Male to BNC Male Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com