Electronic Components Datasheet Search
  English  ▼

X  

3209727 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3209727
Description  Cable housing - PH 2,5/ 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209727 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3209727 Datasheet HTML 1Page - PHOENIX CONTACT 3209727 Datasheet HTML 2Page - PHOENIX CONTACT 3209727 Datasheet HTML 3Page - PHOENIX CONTACT 3209727 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/pi/products/3209727
09/12/2020   Page 4 / 4
Cable housing - PH 2,5/ 5 - 3209727
Accessories
Bend protection sleeve - CPH 3-9 - 3212015
Bend protection sleeve, for cable diameter of 3 mm ... 9 mm, diameter: 12 mm, color: black
 
 
Universal tools
Cable tie tool - UNIFOX-CT 4,8P - 1212609
Cable binder pliers, for plastic cable binders with a width of 2.2 - 4.8 mm, for a material thickness of up to 1.6 mm
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com