Electronic Components Datasheet Search
  English  ▼

X  

3209727 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3209727
Description  Cable housing - PH 2,5/ 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209727 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3209727 Datasheet HTML 1Page - PHOENIX CONTACT 3209727 Datasheet HTML 2Page - PHOENIX CONTACT 3209727 Datasheet HTML 3Page - PHOENIX CONTACT 3209727 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/3209727
09/12/2020   Page 1 / 4
Cable housing - PH 2,5/ 5 - 3209727
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable housing, pitch: 26 mm, length: 19.9 mm, width: 26 mm, height: 36.8 mm, number of positions: 5, color:
gray
Your advantages
 Robust cable housing for strain relief on connecting cables
 Can be aligned without any loss of pitch
 Additional scope for marking plugs
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356366922
Technical data
General
Note
Assembly instruction: a cable tie is required for strain relief
Number of positions
5
Color
gray
Material
PA
Flammability rating according to UL 94
V0
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
130 °C
Static insulating material application in cold
-60 °C
Surface flammability NFPA 130 (ASTM E 162)
passed
Specific optical density of smoke NFPA 130 (ASTM E 662)
passed
Calorimetric heat release NFPA 130 (ASTM E 1354)
28 MJ/kg
Smoke gas toxicity NFPA 130 (SMP 800C)
passed
Fire protection for rail vehicles (DIN EN 45545-2) R22
HL 1 - HL 3


Similar Part No. - 3209727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209743 PHOENIX-3209743 Datasheet
77Kb / 5P
Cable housing - PH 2,5/ 7
09/12/2020
3209756 PHOENIX-3209756 Datasheet
73Kb / 4P
Cable housing - PH 2,5/ 8
09/12/2020
3209769 PHOENIX-3209769 Datasheet
77Kb / 5P
Cable housing - PH 2,5/10
09/12/2020
3209772 PHOENIX-3209772 Datasheet
73Kb / 4P
Cable housing - PH 2,5/11
09/12/2020
3209785 PHOENIX-3209785 Datasheet
73Kb / 4P
Cable housing - PH 2,5/12
09/12/2020
More results

Similar Description - 3209727

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1725536 PHOENIX-1725536 Datasheet
140Kb / 5P
PTDA 2,5/ 5-PH-5,0
3209743 PHOENIX-3209743 Datasheet
77Kb / 5P
Cable housing - PH 2,5/ 7
09/12/2020
3209756 PHOENIX-3209756 Datasheet
73Kb / 4P
Cable housing - PH 2,5/ 8
09/12/2020
3212808 PHOENIX-3212808 Datasheet
61Kb / 3P
Cable housing - PH 1,5/S/8
09/12/2020
3212840 PHOENIX-3212840 Datasheet
63Kb / 3P
Cable housing - PH 1,5/S/12
09/12/2020
3209769 PHOENIX-3209769 Datasheet
77Kb / 5P
Cable housing - PH 2,5/10
09/12/2020
3209772 PHOENIX-3209772 Datasheet
73Kb / 4P
Cable housing - PH 2,5/11
09/12/2020
3209785 PHOENIX-3209785 Datasheet
73Kb / 4P
Cable housing - PH 2,5/12
09/12/2020
3212769 PHOENIX-3212769 Datasheet
57Kb / 3P
Cable housing - PH 1,5/S/4
09/12/2020
3212772 PHOENIX-3212772 Datasheet
61Kb / 3P
Cable housing - PH 1,5/S/5
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com