Electronic Components Datasheet Search
  English  ▼

X  

3209727 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3209727
Description  Cable housing - PH 2,5/ 5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3209727 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3209727 Datasheet HTML 1Page - PHOENIX CONTACT 3209727 Datasheet HTML 2Page - PHOENIX CONTACT 3209727 Datasheet HTML 3Page - PHOENIX CONTACT 3209727 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/3209727
09/12/2020   Page 2 / 4
Cable housing - PH 2,5/ 5 - 3209727
Technical data
General
Fire protection for rail vehicles (DIN EN 45545-2) R23
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R24
HL 1 - HL 3
Fire protection for rail vehicles (DIN EN 45545-2) R26
HL 1 - HL 3
Dimensions
Width
26 mm
Length
19.9 mm
Height
36.8 mm
Pitch
26 mm
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Classifications
eCl@ss
eCl@ss 10.0.1
27440202
eCl@ss 4.0
27260700
eCl@ss 4.1
27260700
eCl@ss 5.0
27260700
eCl@ss 5.1
27261200
eCl@ss 6.0
27261200
eCl@ss 7.0
27440202
eCl@ss 8.0
27440202
eCl@ss 9.0
27440202
ETIM
ETIM 3.0
EC001922
ETIM 4.0
EC000451
ETIM 5.0
EC002624
ETIM 6.0
EC000437
ETIM 7.0
EC000437
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
31261501



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com