Electronic Components Datasheet Search
  English  ▼

X  

MSK5042 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK5042
Description  HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5042 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK5042 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
The output capacitor values are generally determined by
the ESR and voltage rating requirements rather than capaci-
tance requirements for stability. Low ESR capacitors that meet
the ESR requirement usually have more output capacitance than
required for stability. Only specialized low-ESR capacitors in-
tended for switching-regulator applications, such as AVX TPS,
Sprague 595D, Sanyo OS-CON, Nichicon PL series or Kemet
T510 series should be used. The capacitor must meet mini-
mum capacitance and maximum ESR values as given in the
following equations:
CF > 2.5V(1 + VOUT/VIN(MIN))
VOUT x RSENSE x f
RESR < RSENSE x VOUT
2.5V
APPLICATION NOTES
CURRENT LIMITING:
The MSK 5042 is equipped with a pair of sense pins that are
used to sense the load current using an external resistor (Rs).
The current-limit circuit resets the main PWM latch and turns off
the internal high-side MOSFET switch whenever the voltage dif-
ference between Sense High and Sense Low exceeds 100mV.
This limiting occurs in both current flow directions, putting the
threshold limit at ±100mV. The tolerance on the positive cur-
rent limit is ±20%. The external low-value sense resistor must
be sized for 80mV/Rs to guarantee enough load capacity. Load
components must be designed to withstand continuous current
stresses of 120mV/Rs.
For very high-current applications, it may be useful to wire
the sense inputs with a twisted pair instead of PCB traces. This
twisted pair needn't be anything unique, perhaps two pieces of
wire-wrap wire twisted together. Low inductance current sense
resistors, such as metal film surface mount styles are best.
SOFT START/Cton:
The internal soft-start circuitry allows a gradual increase of
the internal current-limit level at start-up for the purpose of re-
ducing input surge currents, and possibly for power-supply se-
quencing. In Disable mode, the soft-start circuit holds the Cton
capacitor discharged to ground. When Enable goes high, a 4µA
current source charges the Cton capacitor up to 3.2V. The re-
sulting linear ramp causes the internal current-limit threshold to
increase proportionally from 20mV to 100mV. The output ca-
pacitors charge up relatively slowly, depending on the Cton ca-
pacitor value.
The exact time of the output rise depends on
output capacitance and load current and is typically 1mS per
nanofarad of soft-start capacitance. With no capacitor connected,
maximum current limit is reached typically within 10µS.
ENABLE FUNCTION:
The MSK 5042 is enabled by applying a logic level high to
the Enable pin.
A logic level low will disable the device and
quiescent input current will reduce to approximately 2mA. The
Enable threshold voltage is 1V. If automatic start up is required,
simply connect the pin to VIN. Maximum Enable voltage is +36V.
INPUT CAPACITOR SELECTION:
OUTPUT CAPACITOR SELECTION:
These equations provide 45 degrees of phase margin to
ensure jitter-free fixed-frequency operation and provide a damped
output response for zero to full-load step changes. Lower qual-
ity capacitors can be used if the load lacks large step changes.
Bench testing over temperature is recommended to verify ac-
ceptable noise and transient response.
As phase margin is
reduced, the first symptom is timing jitter, which shows up in
the switching waveforms. Technically speaking, this typically
harmless jitter is unstable operation, since the switching fre-
quency is non-constant. As the capacitor ESR is increased,
the jitter becomes worse. Eventually, the load-transient wave-
form has enough ringing on it that the peak noise levels exceed
the output voltage tolerance. With zero phase margin and in-
stability present, the output voltage noise never gets much
worse than IPEAK x RESR (under constant loads). Designers of
industrial temperature range digital systems can usually multi-
ply the calculated ESR value by a factor of 1.5 without hurting
stability or transient response.
The output ripple is usually dominated by the ESR of the
filter capacitors and can be approximated as IRIPPLE x RESR.
Including the capacitive term, the full equation for ripple in the
continuous mode is VNOISE(p-p)=IRIPPLE x (RESR + 1/(2
πfC)). In
idle mode, the inductor current becomes discontinuous with
high peaks and widely spaced pulses, so the noise can actually
be higher at light load compared to full load. In idle mode, the
output ripple can be calculated as follows:
VNOISE(p-p)= 0.02 x RESR + 0.0003 x 6.4µH x [1/VOUT + 1/(VIN-VOUT)]
RSENSE
(RSENSE)² x C
3
POWER DISSIPATION:
In high current applications, it is very important to ensure
that both MOSFETS are within their maximum junction tem-
perature at high ambient temperatures. Temperature rise can
be calculated based on package thermal resistance and worst
case dissipation for each MOSFET. These worst case dissipa-
tions occur at minimum voltage for the high side MOSFET and
at maximum voltage for the low side MOSFET.
Calculate power dissipation using the following formulas:
Pd (upper FET)=ILOAD² x RDS x DUTY
+ VIN x ILOAD x f x
VIN x CRSS+20ns
IGATE
Pd (lower FET)=ILOAD² x RDS x (1-DUTY)
DUTY= (VOUT+VQ2)
(VIN-VQ1)
Where: VQ1 or VQ2 (on state voltage drop)=ILOAD x RDS
CRSS=94pF
IGATE=1A
During output short circuit, Q2, the synchronous-rectifier
MOSFET, will have an increased duty factor and will see addi-
tional stress. This can be calculated by:
Q2 DUTY=1-
VQ2
VIN(MAX)-VQ1
Where: VQ1 or VQ2=(120MV/RSENSE) x RDS
The MSK 5042 has an internal high frequency ceramic ca-
pacitor (0.1uF) between VIN and GND.
Connect a low-ESR
bulk capacitor directly to the input pin of the MSK 5042. Se-
lect the bulk input filter capacitor according to input ripple-
current requirements and voltage rating, rather than capacitor
value.
Electrolytic capacitors that have low enough ESR to
meet the ripple-current requirement invariably have more than
adequate capacitance values.
Aluminum-electrolytic capaci-
tors are preferred over tantalum types, which could cause power-
up surge-current failure when connecting to robust AC adapt-
ers or low-impedance batteries. RMS input ripple current is
determined by the input voltage and load current, with the
worst possible case occuring at VIN = 2 x VOUT:
IRMS = ILOAD X
√VOUT(VIN-VOUT)
VIN
Rev. F 2/06
RDS=0.060
Ω MAX at 25°C
RDS=0.120
Ω MAX at 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com