Electronic Components Datasheet Search
  English  ▼

X  

MSK5042 Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5042
Description  HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5042 Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5042 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APPLICATION NOTES CONT'D
RF HIGH:
It is very important that the DC voltage returned to the RF high pin from the output be as noise and oscillation free as possible.
This voltage helps to determine the final output and therefore must be a clean voltage. Excessive noise or oscillation can cause the
device to have an incorrect output voltage. Proper PC board layout techniques can help to achieve a noise free voltage at the RF
high pin.
OUTPUT VOLTAGE ADJUSTMENT:
The MSK 5042 has a user adjustable output voltage through the use of the AMP OUT and REF IN pins. The output voltage can
be adjusted from 1.2 volts to 5.5 volts with 2 external resistors or an external potentiometer. Refer to the following formula for
resistor divider selection:
VOUT = 5.762 - 6.5
It is possible to use a 20K
Ω potentiometer between pin 9 and ground with the center tap tied to pin 6. This will allow
adjustment of the output voltage across the entire 1.2V to 5.5V range.
MODES OF OPERATION:
Under heavy loads, the MSK 5042 operates in full PWM mode. Each pulse from the oscillator sets the internal PWM latch that
turns on the high-side MOSFET. As the high-switch turns off, the synchronous rectifier latch is set. 60ns later the low-side
MOSFET turns on until the start of the next clock cycle or until the inductor current crosses zero. Under fault conditions the current
exceeds the ±100mV current-limit threshold and the high-side switch turns off.
At light loads the inductor current does not exceed the 30mV threshold set by the minimum-current comparator. When this
occurs, the MSK 5042 goes into idle mode, skipping most of the oscillator pulses in order to reduce the switching frequency and
cut back gate-charge losses. The oscillator is gated off at light loads because the minimum-current comparator immediately resets
the high-side latch at the start of each cycle. Refer to Table 1 for the operational characteristics.
DEVICE DISABLED
PULSE SKIPPING MODE DISCONTINUOUS INDUCTOR CURRENT
PULSE SKIPPING MODE CONTINUOUS INDUCTOR CURRENT
CONSTANT FREQ. PWM MODE CONTINUOUS INDUCTOR CURRENT
DESCRIPTION
0
1
1
1
ENABLE
LOAD
X
LOW <10%
MED <30%
HIGH >30%
OPERATIONAL CHARACTERISTICS
TABLE 1
TYPICAL 2.5V APPLICATION CIRCUIT
4
Rev. F 2/06
(
)
R1
R1+R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com