Electronic Components Datasheet Search
  English  ▼

X  

MSK5042 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK5042
Description  HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5042 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK5042 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5042 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
5042
HIGH EFFICIENCY,
4 AMP ADJUSTABLE
SURFACE MOUNT
SWITCHING REGULATOR
Up To 95% Efficiency For 5V Operation
4 Amp Output Current
4.5V to 30V Input Range
User Adjustable Output Voltage from 1.2V to 5.5V
300KHz Switching Frequency @ 1 Amp
User Programmable Soft-Start
Quiescent Current < 2.5mA
User Programmable Current Limit
Available with Gull Wing Leads
Contact MSK for MIL-PRF-38534 Qualification Status
DESCRIPTION:
EQUIVALENT SCHEMATIC
The MSK 5042 is a high efficiency, 4 amp, surface mount switching regulator. Output voltage is user adjustable
through the use of two external resistors or one external potentiometer. Output voltages from 1.2 volts to 5.5 volts
are possible. The operating frequency of the MSK 5042 is 300KHz and is internally set. An external "soft start"
capacitor allows the user to control how quickly the output comes up to regulation voltage after the application of an
input. An extremely low quiescent current of typically less than 2.5mA and nearly 95% operating efficiency at 5 volts
out, keep the total internal power dissipation of the MSK 5042 down to an absolute minimum.
MIL-PRF-38534 CERTIFIED
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
Step-down Switching Regulator
Microprocessor Power Source
High Efficiency Low Voltage
Subsystem Power Supply
Case
Sense High
Sense Low
N/C
RF High
Amp In
N/C
1
2
3
4
5
6
7
34-44
23-33
11-22
10
9
8
Vout
Ground
Vin
Enable
Ref Out
Cton
Rev. F 2/06
1


Similar Part No. - MSK5042

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5042H ANAREN-MSK5042H Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5042HG ANAREN-MSK5042HG Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
More results

Similar Description - MSK5042

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH1605C NSC-LH1605C Datasheet
120Kb / 4P
5 Amp, High Efficiency Switching Regulator
HS7067 NSC-HS7067 Datasheet
362Kb / 10P
AMP, MULTIMODE, HIGH EFFICIENCY SWITCHING REGULATOR
logo
M.S. Kennedy Corporatio...
MSK5040-3.3H MSK-MSK5040-3.3H Datasheet
327Kb / 7P
HIGH EFFICIENCY, 4 AMP 1% ACCURATE SURFACE MOUNT SWITCHING REGULATORS
MSK5043H MSK-MSK5043H Datasheet
353Kb / 7P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045-3.3H MSK-MSK5045-3.3H Datasheet
801Kb / 9P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
logo
International Rectifier
OM7612SM IRF-OM7612SM Datasheet
30Kb / 2P
SURFACE MOUNT 1.0 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
OM7612NM IRF-OM7612NM Datasheet
19Kb / 2P
SURFACE MOUNT 1.5 AMP HIGH VOLTAGE NEGATIVE ADJUSTABLE REGULATOR
logo
Anaren Microwave
MSK5042 ANAREN-MSK5042 Datasheet
236Kb / 8P
HIGH EFFICIENCY, 4 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5043 ANAREN-MSK5043 Datasheet
192Kb / 8P
HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
MSK5045 ANAREN-MSK5045 Datasheet
449Kb / 11P
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com