Electronic Components Datasheet Search
  English  ▼

X  

AMC22C11 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC22C11 Datasheet HTML 8Page - Texas Instruments AMC22C11 Datasheet HTML 9Page - Texas Instruments AMC22C11 Datasheet HTML 10Page - Texas Instruments AMC22C11 Datasheet HTML 11Page - Texas Instruments AMC22C11 Datasheet HTML 12Page - Texas Instruments AMC22C11 Datasheet HTML 13Page - Texas Instruments AMC22C11 Datasheet HTML 14Page - Texas Instruments AMC22C11 Datasheet HTML 15Page - Texas Instruments AMC22C11 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
7 Detailed Description
7.1 Overview
When the voltage on the REF pin is greater than VMSEL, the device operates in positive-comparator mode. This
mode is particularly useful for monitoring positive voltages. The negative comparator (Cmp1) is disabled and
only the positive comparator (Cmp0) is functional. The reference voltage in this mode can be as high as 2.7 V.
The AMC22C11 is an isolated comparator with an open-drain output and optional latch function. The comparator
compares the input voltage (VIN) against the VIT+ threshold that is adjustable from 20 mV to 3 V through an
internally generated 100-μA reference current and a single external resistor. The open-drain output is actively
pulled low when the input voltage (VIN) is higher than the reference value VREF. The behavior when VIN drops
below the trip threshold is determined by the LATCH pin, as described in the Open-Drain Digital Output section.
Galvanic isolation between the high- and low-voltage side of the device is achieved by transmitting the
comparator states across a SiO2-based, capacitive isolation barrier. This isolation barrier supports a high level of
magnetic field immunity, as described in the ISO72x Digital Isolator Magnetic-Field Immunity application report.
The digital modulation scheme used in the AMC22C11 to transmit data across the isolation barrier, and the
isolation barrier characteristics itself, result in high reliability and common-mode transient immunity.
7.2 Functional Block Diagram
GND2
OUT
LATCH
VDD2
GND1
IN
REF
VDD1
AMC22C11
LDO
100 μA
AMC22C11
SBASAJ6 – APRIL 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC22C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com