Electronic Components Datasheet Search
  English  ▼

X  

AMC22C11 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC22C11 Datasheet HTML 14Page - Texas Instruments AMC22C11 Datasheet HTML 15Page - Texas Instruments AMC22C11 Datasheet HTML 16Page - Texas Instruments AMC22C11 Datasheet HTML 17Page - Texas Instruments AMC22C11 Datasheet HTML 18Page - Texas Instruments AMC22C11 Datasheet HTML 19Page - Texas Instruments AMC22C11 Datasheet HTML 20Page - Texas Instruments AMC22C11 Datasheet HTML 21Page - Texas Instruments AMC22C11 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
7.3.6 VDD1 Brownout and Power-Loss Behavior
Brownout is a condition where the VDD1 supply droops below the specified operating voltage range but the
device remains functional. Power-loss is a condition where the VDD1 supply drops below a level where the
device stops being functional. Depending on the duration and the voltage level, a brownout condition may or
may not be noticeable at the output of the device. A power-loss condition is always signaled on the output of the
isolated comparator.
Figure 7-11 through Figure 7-13 show typical brownout and power-loss scenarios.
In Figure 7-11, VDD1 droops below the undervoltage detection threshold (VDD1UV) but recovers before the
high-side-fault detection delay time (tHS,FLT) expires. The brownout event has no effect on the comparator output.
In Figure 7-12, VDD1 droops below the undervoltage detection threshold (VDD1UV) for more than the high-side-
fault detection delay time (tHS,FLT). The brownout condition is detected as a fault and the output is pulled low
after a delay equal to tHS,FLT. The device resumes normal operation as soon as VDD1 recovers above the
VDD1UV threshold.
VDD1
(high-side)
VDD2
(low-side)
VDD1UV
OUT
(open-drain)
no change on output
ON
< tHS, FLT
Figure 7-11. Output Response to a Short Brownout
Event on VDD1
tHS, FLT
VDD1
(high-side)
VDD2
(low-side)
VDD1UV
OUT
(open-drain)
ON
90% fault
normal
operation
normal
operation
Figure 7-12. Output Response to a Long Brownout
Event on VDD1
In Figure 7-13, VDD1 droops below the power-on-reset (POR) threshold (VDD1POR). The power-loss condition
is detected as a fault and the output is pulled low after a delay equal to tHS,FLT. The device resumes normal
operation after a delay equal to tHS,STA + tHS,BLK after VDD1 recovers above the VDD1UV threshold.
VDD1
(high-side)
VDD2
(low-side)
tHS, FLT
90%
VDD1UV
OUT
(open-drain)
normal
operation
fault
tHS, STA+ tHS, BLK
normal
operation
ON
VDD1POR
Figure 7-13. Output Response to a Power-Loss Event on VDD1
AMC22C11
SBASAJ6 – APRIL 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC22C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com