Electronic Components Datasheet Search
  English  ▼

X  

AMC22C11 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AMC22C11
Description  AMC22C11 Fast Response, Basic Isolated Comparator With Adjustable Threshold and Latch Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC22C11 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC22C11 Datasheet HTML 16Page - Texas Instruments AMC22C11 Datasheet HTML 17Page - Texas Instruments AMC22C11 Datasheet HTML 18Page - Texas Instruments AMC22C11 Datasheet HTML 19Page - Texas Instruments AMC22C11 Datasheet HTML 20Page - Texas Instruments AMC22C11 Datasheet HTML 21Page - Texas Instruments AMC22C11 Datasheet HTML 22Page - Texas Instruments AMC22C11 Datasheet HTML 23Page - Texas Instruments AMC22C11 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
With its low response time, high common-mode transient immunity (CMTI) and basic-certified isolation barrier,
the AMC22C11 is designed to provide fast and reliable overcurrent and overvoltage detection for high-voltage
applications in harsh and noisy environments.
8.2 Typical Application
8.2.1 DC Link Overcurrent Detection
DC link overcurrent detection is a common requirement in DC/DC converter and motor-drive designs. Although
the inductor current of a DC/DC converter or the phase currents of a motor drive are typically sensed for control
purposes, phase current monitoring alone is not sufficient to detect all possible overcurrent conditions (such
as shoot-through in the power stage, or DC+ and DC– shorts to ground). The most comprehensive way of
implementing DC link overcurrent detection is to monitor the current in the DC+ and DC– lines. This detection,
as illustrated in Figure 8-1, can be achieved by monitoring the voltage drop across two shunt resistors.
The DC+ load current flowing through the shunt resistor R10 produces a voltage drop that is monitored by the
AMC22C11. When the voltage drop across R10 exceeds the reference value set by the external resistor R11,
the comparator trips and signals the overcurrent event on the open-drain output OUT.
The DC– load current flowing through the shunt resistor R20 produces a voltage drop that is monitored by a
second AMC22C11. When the voltage drop across R20 exceeds the reference value set by the external resistor
R21, the comparator trips and signals the overcurrent event on the open-drain output OUT.
The open-drain outputs from both AMC22C11 comparators are shorted together to form a single alert signal to
the microcontroller unit (MCU). Similarly, both LATCH signals are tied together and can be controlled by a single
GPIO pin from the MCU.
The isolated comparator on the DC+ side requires a high-side power supply that is referenced to the DC+
potential. A low-cost solution is based on the push-pull driver SN6501 and a transformer that supports the
desired isolation voltage ratings. The integrated low-dropout (LDO) regulator on the high-side of the AMC22C11
allows direct connection of the VDD1 pin to the transformer output and no further preregulation of the
transformer output voltage is required.
The isolated comparator on the DC– side requires a high-side power supply that is referenced to the DC–
potential. A common solution is to power the isolated comparator from the low-side gate driver supply, as
illustrated in Figure 8-1, or any other voltage supply referenced to DC–. The integrated low-dropout (LDO)
regulator on the high-side of the AMC22C11 supports a wide range of input voltages and greatly simplifies the
power-supply design.
The fast response time and high common-mode transient immunity (CMTI) of the AMC22C11 ensure reliable
and accurate operation even in high-noise environments.
AMC22C11
SBASAJ6 – APRIL 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC22C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com