Electronic Components Datasheet Search
  English  ▼

X  

MSK5045-3.3E Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # MSK5045-3.3E
Description  HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5045-3.3E Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  MSK5045-3.3E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
The output capacitor values are generally determined
by the ESR and voltage rating requirements rather than
capacitance requirements for stability. Low ESR capaci-
tors that meet the ESR requirement usually have more
output capacitance than required for stability. Only spe-
cialized low-ESR capacitors intended for switching-regu-
lator applications, such as AVX TPS, Sprague 595D,
Sanyo OS-CON, Nichicon PL series or Kemet T510 se-
ries should be used. The capacitor must meet minimum
capacitance and maximum ESR values as given in the
following equations:
CF > 2.5V(1 + VOUT/VIN(MIN))
VOUT x RSENSE x f
RESR < RSENSE x VOUT
2.5V
OUTPUT CAPACITOR SELECTION:
These equations provide 45 degrees of phase margin
to ensure jitter-free fixed-frequency operation and pro-
vide a damped output response for zero to full-load step
changes.
Lower quality capacitors can be used if the
load lacks large step changes. Bench testing over tem-
perature is recommended to verify acceptable noise and
transient response.
As phase margin is reduced, the
first symptom is timing jitter, which shows up in the
switching waveforms. Technically speaking, this typi-
cally harmless jitter is unstable operation, since the
switching frequency is non-constant. As the capacitor
ESR is increased, the jitter becomes worse. Eventually,
the load-transient waveform has enough ringing on it
that the peak noise levels exceed the output voltage tol-
erance. With zero phase margin and instability present,
the output voltage noise never gets much worse than
IPEAK x RESR (under constant loads). Designers of indus-
trial temperature range digital systems can usually multi-
ply the calculated ESR value by a factor of 1.5 without
hurting stability or transient response.
The output ripple is usually dominated by the ESR of
the filter capacitors and can be approximated as IRIPPLE
x RESR. Including the capacitive term, the full equation
for ripple in the continuous mode is VNOISE(p-p)=IRIPPLE
x (RESR + 1/(2
πfC)). In pulse skipping mode, the induc-
tor current becomes discontinuous with high peaks and
widely spaced pulses, so the noise can actually be higher
at light load compared to full load. In pulse skipping mode,
the output ripple can be calculated as follows:
VNOISE(p-p)= 0.02 x RESR + 0.0003 x 6.4µH x [1/VOUT+1/(VIN-VOUT)]
RSENSE
(RSENSE)² x C
APPLICATION NOTES CONT'D
OUTPUT INDUCTOR (OPTIONAL):
Placing an output inductor between the package and
the sense resistor will reduce output ripple and noise.
Output ripple and noise increase as the input to output
voltage differential increases. Ouput ripple is also higher
when the MSK 5045 is operated in power save mode.
Optional inductance will directly add to the internal in-
ductance of the device and should be included in peak to
peak current calculations (see SELECTING RS). Since ad-
ditional inductance will affect the output response of the
regulator, the inductance value must be carefully selected
for each application.
RFB:
Rev. G 2/06
4
ENABLE FUNCTION:
The MSK 5045 is enabled by applying a logic level high to
the Enable pin or leaving it open. A logic level low will disable
the device and quiescent input current will reduce to approxi-
mately 1mA. The Enable threshold voltage is 1V. If automatic
start up is required, simply make no connection. Maximum En-
able voltage is +10.5V. The Enable pin has an internal pull up
resistor to 10.5V.
CURRENT LIMITING:
Current limiting the MSK5045 is achieved by setting the
cycle-by-cycle current limit as described in the section titled
SELECTING RS. The designer must set the peak current limit
such that the average output current will not exceed the appli-
cation limits. In a short circuit condition the average output cur-
rent will approach the peak current limit. RS should be selected
such that the average output current will not exceed 4.0 Amps.
RS must be small enough to allow for the required load current
plus the peak ripple current; 80mV/RS=IOUT+½Ip-p. Load
components should be sized to withstand a maximum current
of 120mV/RS
It is very important that the DC voltage returned to the
RFB pin from the output be as noise and oscillation free
as possible. This voltage helps to determine the final out-
put and therefore must be a clean voltage. Excessive noise
or oscillation can cause the device to have an incorrect
output voltage. Proper PC board layout techniques can
help to achieve a noise free voltage at the RFB pin.
POWER SAVE MODE:
Power save mode is enabled by applying a logic low to
the PWR SAVE pin and disabled by applying a logic high
or leaving it open. The MSK5045 will skip switching pulses
to save gate drive current in Q1 and Q2 when operated
under light load with power save enabled. MSK5045
senses the voltage across RS and skips most switching
pulses when the voltage falls below 30mV indicating a
light load condition. The oscillator is gated off because
the minimum current comparator resets the high side latch
at the start of each cycle until the voltage feedback sig-
nal falls below the output voltage set point. Under heavy
loads the voltage across RS does not fall below 30mV
and the MSK5045 operates in full PWM mode at 300
KHz.
Disabling the power save mode sets the PWM to
300KHz constant switching frequency for low noise mode
operation. Maximum input voltage on the PWR SAVE pin
is 5.5V. The PWR SAVE pin has an internal pull-up resis-
tor to 5V. RS should not be eliminated when power save
is disabled because it provides cycle-by-cycle current lim-
iting and synchronous rectifier control as described in the
SEQUENCE OF OPERATION paragraph. Refer to table 1
for power save mode operational characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com