Electronic Components Datasheet Search
  English  ▼

X  

MSK5045-3.3E Datasheet(PDF) 8 Page - M.S. Kennedy Corporation

Part # MSK5045-3.3E
Description  HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5045-3.3E Datasheet(HTML) 8 Page - M.S. Kennedy Corporation

  MSK5045-3.3E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MECHANICAL SPECIFICATIONS
Rev. G 2/06
LEAD FORM OPTIONS
BLANK=STRAIGHT; G= GULL WING
SCREENING
BLANK= INDUSTRIAL; E = EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
The above example is a +3.3V, Military regulator with gull wing leads.
WEIGHT=17 GRAMS TYPICAL
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5045-3.3 H G
ORDERING INFORMATION
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com