Electronic Components Datasheet Search
  English  ▼

X  

MSK5045-3.3E Datasheet(PDF) 9 Page - M.S. Kennedy Corporation

Part # MSK5045-3.3E
Description  HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5045-3.3E Datasheet(HTML) 9 Page - M.S. Kennedy Corporation

  MSK5045-3.3E Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 7Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 8Page - M.S. Kennedy Corporation MSK5045-3.3E Datasheet HTML 9Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
The information contained herein is believed to be accurate at the time of printing. MSK reserves the right to make
changes to its products or specifications without notice, however, and assumes no liability for the use of its products.
Please visit our website for the most recent revision of this datasheet.
Contact MSK for MIL-PRF-38534 quailfication status.
MECHANICAL SPECIFICATIONS CONTINUED
M.S. Kennedy Corp.
4707 Dey Road, Liverpool, New York 13088
Phone (315) 701-6751
FAX (315) 701-6752
www.mskennedy.com
Rev. G 2/06
LEAD FORM OPTIONS
BLANK=STRAIGHT; G= GULL WING
SCREENING
BLANK= INDUSTRIAL; E = EXTENDED RELIABILITY
H= MIL-PRF-38534 CLASS H
OUTPUT VOLTAGE
2.5=+2.5V; 3.3=+3.3V; 5.0=+5.0V
GENERAL PART NUMBER
The above example is a +3.3V, Military regulator.
WEIGHT=17 GRAMS TYPICAL
ESD Triangle indicates Pin 1.
NOTE: ALL DIMENSIONS ARE ±0.010 INCHES UNLESS OTHERWISE LABELED.
MSK5045-3.3 H
ORDERING INFORMATION
9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com